Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 145 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 145 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 141Page - Exar Corporation XRT72L13 Datasheet HTML 142Page - Exar Corporation XRT72L13 Datasheet HTML 143Page - Exar Corporation XRT72L13 Datasheet HTML 144Page - Exar Corporation XRT72L13 Datasheet HTML 145Page - Exar Corporation XRT72L13 Datasheet HTML 146Page - Exar Corporation XRT72L13 Datasheet HTML 147Page - Exar Corporation XRT72L13 Datasheet HTML 148Page - Exar Corporation XRT72L13 Datasheet HTML 149Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 370 page
background image
áç
áç
áç
áç
M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
XRT72L13
PRELIMINARY
REV. 1.0.6
133
2.3.2.62 PMON LCV Event Count Register -
MSB
This "Reset-upon-Read" register, along with the
"PMON LCV Event Count Register - LSB" (Address =
0x51) contains a 16-bit representation of the number
of "Line Code Violations" that have been detected by
the Receive DS3 Framer block (within the chip), since
the last read of these registers. This register contains
the MSB (or Upper-Byte) value of this 16 bit expres-
sion.
2.3.2.63 PMON LCV Event Count Register - LSB
This "Reset-upon-Read" register, along with the
"PMON LCV Event Count Register - LSB" (Address =
0x50) contains a 16-bit representation of the number
of "Line Code Violations" that have been detected by
the Receive DS3 Framer block (within the chip), since
the last read of these registers. This register contains
the LSB (or Lower-Byte) value of this 16 bit expres-
sion.
2.3.2.64 PMON Framing Bit Error Event Count
Register - MSB
This "Reset-upon-Read" register, along with the
"PMON Framing Bit Error Count Register - LSB" (Ad-
dress = 0x53) contains a 16-bit representation of the
number of "Framing Bit Errors" that have been de-
tected by the Receive DS3 Framer block (within the
chip), since the last read of these registers. This reg-
ister contains the MSB (or Upper-Byte) value of this
16 bit expression.
2.3.2.65 PMON Framing Bit Error Event Count
Register - LSB
This "Reset-upon-Read" register, along with the
"PMON Framing Bit Error Count Register - MSB" (Ad-
dress = 0x52) contains a 16-bit representation of the
number of "Framing Bit Errors" that have been detect-
PMON LCV EVENT COUNT REGISTER - MSB (ADDRESS = 0X50)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
LCV Count - High Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON LCV EVENT COUNT REGISTER - LSB (ADDRESS = 0X51)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
LCV Count - Low Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON FRAMING BIT ERROR COUNT REGISTER - MSB (ADDRESS = 0X52)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit Error Count - High Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000
PMON FRAMING BIT ERROR COUNT REGISTER - LSB (ADDRESS = 0X53)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit Error Count - Low Byte
RUR
RUR
RUR
RUR
RUR
RUR
RUR
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com