Electronic Components Datasheet Search
  English  ▼

X  

XRT72L13 Datasheet(PDF) 172 Page - Exar Corporation

Part # XRT72L13
Description  M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT72L13 Datasheet(HTML) 172 Page - Exar Corporation

Back Button XRT72L13 Datasheet HTML 168Page - Exar Corporation XRT72L13 Datasheet HTML 169Page - Exar Corporation XRT72L13 Datasheet HTML 170Page - Exar Corporation XRT72L13 Datasheet HTML 171Page - Exar Corporation XRT72L13 Datasheet HTML 172Page - Exar Corporation XRT72L13 Datasheet HTML 173Page - Exar Corporation XRT72L13 Datasheet HTML 174Page - Exar Corporation XRT72L13 Datasheet HTML 175Page - Exar Corporation XRT72L13 Datasheet HTML 176Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 370 page
background image
XRT72L13
MULTIPLEXER/FRAMER IC
áç
áç
áç
áç
PRELIMINARY
REV. 1.0.6
160
To be provided in the next update.
2.3.2.115 DS2 # 1 Framer Status Register
Bit 5 - DS2 COFA (Change of Framing Alignment)
Status
This “Read-Only” bit-field reflects the current “COFA”
status of DS2 Channel # 1.
This bit-field will be set to “0” is there is no “Change of
Framing Alignment” in DS2 Channel # 1. Converse-
ly, this bit-field will be set to “1” is there is a “Change
of Framing Alignment” in DS2 Channel # 1.
Bit 4 - DS2 OOF (Out-of-Frame) Status
This “Read-Only” bit-field reflects the current “OOF”
status of DS2 Channel # 1.
This bit-field will be set to “0” if DS2 Channel # 1 is
currently in the “In-Frame” condition. Conversely,
this bit-field will be set to “1” if DS2 Channel # 1 is
currently declaring an “Out-of-Frame” condtion.
Bit 3 - DS2 FERF (Far-End Receive Failure) Status
his “Read-Only” bit-field reflects the current “FERF”
status of DS2 Channel # 1.
This bit-field will be set to “0” if DS2 Channel # 1 is
currently not declaring the “FERF” condition. Con-
versely, this bit-field will be set to “1” if DS2 Channel #
1 is currently declaring a “FERF” condtion.
Bit 2 - DS2 RED Alarm Status
This “Read-Only” bit-field reflects the current “RED
Alarm” status of DS2 Channel # 1.
This bit-field will be set to “0” if DS2 Channel # 1 is
not currently declaring a “RED Alarm” condition.
Conversely, this bit-field will be set to “1” if DS2 Chan-
nel # 1 is currently declaring a “RED Alarm” condition.
Bit 1 - DS2 AIS (Alarm Indication Signal) Status
This “Read-Only” bit-field reflects the current “AIS”
status of DS2 Channel # 1.
This bit-field will be set to “0” if DS2 Channel # 1 is
not currently declaring an “AIS” condition. Converse-
ly, this bit-field will be set to “1” if DS2 Channel # 1 is
currently declaring an “AIS” condition.
Bit 0 - DS2 RESV Status
To be provided in the next update.
2.3.2.116 DS2 # 2 Framer Interrupt Enable Regis-
ter
Bit 5 - DS2 COFA (Change of Framing Alignment)
Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS2 Change of Framing Alignment”
Interrupt.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Bit 4 - DS2 OOF (Out of Frame) Interrupt Enable
This “Read/Write” bit-field permits the user to enable
or disable the “DS2 Out of Frame” interrupt.
Setting this bit-field to “1” enables this interrupt. Con-
versely, setting this bit-field to “0” disables this inter-
rupt.
Bit 3 - DS2 FERF (Far-End-Receive Failure) Inter-
rupt Enable.
DS2 # 1 FRAMER STATUS REGISTER (ADDRESS = 0XA3)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
DS2 COFA
Status
DS2 OOF
Status
DS2 FERF
Status
DS2 RED
Alarm
Status
DS2 AIS
Status
DS2
RESV
Status
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000
DS2 # 2 FRAMER INTERRUPT ENABLE REGISTER (ADDRESS = 0XA4)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Unused
DS2 COFA
Interrupt
Enable
DS2 OOF
Interrupt
Enable
DS2 FERF
Interrupt
Enable
DS2 RED
Alarm
Interrupt
Enable
DS2 AIS
Interrupt
Enable
DS2
RESV
Interrupt
Enable
R/O
R/O
R/W
R/W
R/W
R/W
R/W
R/W
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com