Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 160Page - National Semiconductor (TI) DP8344 Datasheet HTML 161Page - National Semiconductor (TI) DP8344 Datasheet HTML 162Page - National Semiconductor (TI) DP8344 Datasheet HTML 163Page - National Semiconductor (TI) DP8344 Datasheet HTML 164Page - National Semiconductor (TI) DP8344 Datasheet HTML 165Page - National Semiconductor (TI) DP8344 Datasheet HTML 166Page - National Semiconductor (TI) DP8344 Datasheet HTML 167Page - National Semiconductor (TI) DP8344 Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 184 page
background image
60 Reference Section (Continued)
621 Bit Index
(Continued)
An alphabetical listing of all statuscontrol bits in the CPU-addressable special function registers with a brief summary of
function Detailed definitions are provided in Section 623 Bit Definition Tables
Bit
Name
Location
Function
TFE
T
ransmit FIFO Empty
NCF
7
Transmitter Status
TFF
T
ransmit FIFO Full
TSR
7
Transmitter Status
TIN
T
ransmitter INvert
TMR
3
Transmitter Control
TLD
T
imer LoaD
ACR
6
Timer
TM7–0
T
iMer
TRL
7–0
Timer
TM15 – 8
T
iMer
TRH
7–0
Timer
TMC
T
iMer Clock select
ACR
5
Timer
TO
T
ime Out flag
CCR
7
Timer
TRES
T
ransceiver RESet
TMR
7
Transceiver Control
TST
T
imer StarT
ACR
7
Timer
VoVerflow
CCR
2
Arithmetic Flag
Z
Z
ero
CCR
0
Arithmetic Flag
622 Register Description
A list of all CPU-addressable special function registers in
alphabetical order
The Remote Interface Configuration register RIC
which is
addressable only by the remote system is not included See
Section 63 Remote Interface Reference for details of the
function of this register
Each register is listed together with its address the type of
access available and a functional description of each bit
Further details on each bit can be found in Section 623 Bit
Definition Tables
ACR
AUXILIARY CONTROL REGISTER
Main R3 readwrite
76
5
4
3
2
10
TST
TLD
TMC
BIC
rsv
COD
LOR
GIE
rsv
state is undefined at all times
TST
Timer StarT
When high the timer is enabled
and will count down from it’s current value
When low timer is disabled Timer is stopped by
writinga0to TST
TLD
Timer LoaD
When high generates timer load
pulse Cleared when load complete
TMC
TiMer Clock select
Selects timer clock fre-
quency Should not be written when
TST
is
high Can be written at same time as TST and
TLD
TMC
Timer Clock
0
(CPU-CLK)16
1
(CPU-CLK)2
BIC
Bi-directional Interrupt Control
Controls di-
rection of BIRQ
BIC
BIRQ
0
Input
1
Output
COD
Clock Out Disable
When high CLK-OUT out-
put is at TRI-STATE
LOR
Lock Out Remote
When high a remote sys-
tem is prevented from accessing the BCP
GIE
Global Interrupt Enable
When low disables
all maskable interrupts When high works with
IM4–0 to enable maskable interrupts
4TR
4 T-state Read
When high READ strobe tim-
ing is changed to allow more time between the
TRI-STATE of the AD lines by the BCP and the
falling of the READ strobe All data memory reads
take four T-states when this bit is set See Sec-
tion 222 for more information
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com