Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 161Page - National Semiconductor (TI) DP8344 Datasheet HTML 162Page - National Semiconductor (TI) DP8344 Datasheet HTML 163Page - National Semiconductor (TI) DP8344 Datasheet HTML 164Page - National Semiconductor (TI) DP8344 Datasheet HTML 165Page - National Semiconductor (TI) DP8344 Datasheet HTML 166Page - National Semiconductor (TI) DP8344 Datasheet HTML 167Page - National Semiconductor (TI) DP8344 Datasheet HTML 168Page - National Semiconductor (TI) DP8344 Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 184 page
background image
60 Reference Section (Continued)
ATR
AUXILIARY TRANSCEIVER REGISTER
Alternate R2 readwrite
76543210
AT7
AT6
AT5
AT4
AT3
AT2
AT1
AT0
AT7–0
Auxiliary Transceiver
In 5250 protocol
modes bits 2 – 0 define the receive station ad-
dress and bits 7 – 3 control the amount of time
TX-ACT stays asserted after the last fill bit
In 8-bit protocol modes bits 7 – 0 define the re-
ceive station address
For further information see Section 30 Trans-
ceiver
ATR 7 – 3
TX-ACT Hold Time (ms)
(if TCLK e 8 MHz)
00000
0
00001
0 5
00010
1 0
00011
1 5
vv
11111
155
CCR
CONDITION CODE REGISTER
Main R0 bits 0 – 3 5 – 7 readwrite bit 4 read only
765
4
3210
TO
RR
RW
BIRQ
N
V
C
Z
TO
Time Out flag
Set high when timer counts to
zero Cleared by writinga1to this location or by
stopping timer (by writinga0to TST )
RR
Remote Read
Set on the trailing edge of a
REM-RD pulse if RAE is asserted and RIC is
pointing to Data Memory Cleared by writing a 1
to this location
RW
Remote Write
Set on the trailing edge of a
REM-WR pulse if RAE is asserted and RIC is
pointing to Data Memory Cleared by writing a 1
to this location
BIRQ
Bi-directional Interrupt ReQuest
Read
only
Reflects the logic level of the Bi-directional
interrupt pin BIRQ Updated at the beginning of
each instruction cycle
N
Negative
A high level indicates a negative
result generated by an arithmetic logical or shift
instruction
V
oVerflow
A high level indicates an overflow
condition generated by an arithmetic instruction
C
Carry
A high level indicates a carry or borrow
generated by an arithmetic instruction During a
shiftrotate operation the state of the last bit shift-
ed out appears in this location
Z
Zero
A high level indicates a zero result gen-
erated by an arithmetic logical or shift instruction
Further information Section 221 ALU Section
223 Interrupts
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com