Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 169 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 169 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 165Page - National Semiconductor (TI) DP8344 Datasheet HTML 166Page - National Semiconductor (TI) DP8344 Datasheet HTML 167Page - National Semiconductor (TI) DP8344 Datasheet HTML 168Page - National Semiconductor (TI) DP8344 Datasheet HTML 169Page - National Semiconductor (TI) DP8344 Datasheet HTML 170Page - National Semiconductor (TI) DP8344 Datasheet HTML 171Page - National Semiconductor (TI) DP8344 Datasheet HTML 172Page - National Semiconductor (TI) DP8344 Datasheet HTML 173Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 184 page
background image
60 Reference Section (Continued)
ISP
INTERNAL STACK POINTER
Main R30 readwrite
7654
3
2
1
0
ASP3 ASP2 ASP1 ASP0 DSP3 DSP2 DSP1 DSP0
ASP3 – 0
Address Stack Pointer
Inputoutput port
of the address stack pointer Further informa-
tion Section 2118 Stack Registers
DSP3 – 0
Data Stack Pointer
Inputoutput port of the
data stack pointer Further information Section
2118 Stack Registers
NCF
NETWORK COMMAND FLAG REGISTER
Main R1 read only
76
5
4
3
2
1
0
TFE
RFF
LA
LTA
DEME
RAR
ACK
POLL
TFE
Transmit FIFO Empty
Set high when the
FIFO is empty Cleared by writing to RTR
RFF
Receive FIFO Full
Set high when the Re-
ceive
FIFO
contains
3
received
words
Cleared by reading to RTR
LA
Line Active
Indicates activity on the re-
ceiver input
Set high on any transition
cleared after detecting no input transitions for
16 TCLK periods
LTA
Line Turn Around
Set high when end of
message is received Cleared by writing to
RTR
writing a ‘‘1’’ to this location or by
asserting TRES
DEME
Data Error or Message End
In 3270
3299 modes asserted when a byte parity er-
ror is detected In 5250 modes asserted when
the
111
station address is decoded and
DAV is asserted Cleared by reading RTR
Undefined in 8-bit modes and in the first frame
of 3299 modes
RAR
Received Auto-Response
Set high when
a 3270 Auto-Response message is decoded
and
DAV
is asserted Cleared by reading
RTR
Undefined in 5250 and 8-bit modes
and in the first frame of 3299 modes
ACK
PollACKnowledge
Set high when a 3270
pollack command is decoded and DAV is
asserted Cleared by reading
RTR
Unde-
fined in 5250 and 8-bit modes and in the first
frame of 3299 modes
POLL
POLL
Set high when a 3270 poll command
is decoded and DAV is asserted Cleared by
reading
RTR
Undefined in 5250 and 8-bit
modes and in the first frame of 3299 modes
Further information Section 30 Transceiver
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com