Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 171 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 171 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 167Page - National Semiconductor (TI) DP8344 Datasheet HTML 168Page - National Semiconductor (TI) DP8344 Datasheet HTML 169Page - National Semiconductor (TI) DP8344 Datasheet HTML 170Page - National Semiconductor (TI) DP8344 Datasheet HTML 171Page - National Semiconductor (TI) DP8344 Datasheet HTML 172Page - National Semiconductor (TI) DP8344 Datasheet HTML 173Page - National Semiconductor (TI) DP8344 Datasheet HTML 174Page - National Semiconductor (TI) DP8344 Datasheet HTML 175Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 184 page
background image
60 Reference Section (Continued)
TMR
TRANSCEIVER MODE REGISTER
Alternate R7 readwrite
76
5
4
3
2
1
0
TRES
LOOP
RPEN
RIN
TIN
PS2
PS1
PS0
TRES
Transceiver RESet
Resets transceiver
when high Transceiver can also be reset by
RESET without affecting TRES
LOOP
Internal LOOP-back
When high TX-ACT
is disabled (held at 0) and transmitter serial
data is internally directed to the receiver serial
data input
RPEN
RePeat ENable
When high the receiver
can be active at the same time as the trans-
mitter
RIN
Receiver INvert
When high the receiver
serial data is inverted
TIN
Transmitter INvert
When high the trans-
mitter serial data outputs are inverted
PS2–0
Protocol Select
Selects protocol for both
transmitter and receiver
PS2 – 0 Protocol
0 0 0
3270
0 0 1
3299 multiplexer
0 1 0
3299 controller
0 1 1
3299 repeater
1 0 0
5250
1 0 1
5250 promiscuous
1 1 0
8-bit
1 1 1
8-bit promiscuous
Further information Section 30 Transceiver
TRH
TIMER REGISTER
HIGH
Main R29 readwrite
765432
1
0
TM15 TM14 TM13 TM12 TM11 TM10 TM9 TM8
TM15 – 8
TiMer
Inputoutput port of high byte of timer
Further information Section 2114 Timer Reg-
isters
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com