Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 174 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 174 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 170Page - National Semiconductor (TI) DP8344 Datasheet HTML 171Page - National Semiconductor (TI) DP8344 Datasheet HTML 172Page - National Semiconductor (TI) DP8344 Datasheet HTML 173Page - National Semiconductor (TI) DP8344 Datasheet HTML 174Page - National Semiconductor (TI) DP8344 Datasheet HTML 175Page - National Semiconductor (TI) DP8344 Datasheet HTML 176Page - National Semiconductor (TI) DP8344 Datasheet HTML 177Page - National Semiconductor (TI) DP8344 Datasheet HTML 178Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
(Continued)
The following tables describe the location and function of all control and status bits in the various BCP addressable special
function registers The Remote Interface Configuration register
RIC
which is addressable only by a remote processor is not
included
6231 Processor
(Continued)
Bit
Name
Location
Reset State
Function
Interrupt
IV15 – 8
I
nterrupt Vector
IBR 7–0
0000 0000
High byte of interrupt and trap vectors
Control
The interrupt vector is obtained by concatenating IBR with
the vector address
(Continued)
Interrupt
Vector Address
NMI
011100
Receiver
000100
Transmitter
001000
Line Turn Around
001100
Bi-Directional
010000
Timer
010100
Interrupt Vector
IBR
0
0
vector address
15
8
5
0
RIS10
R
eceiver Interrupt ICR 76
11
Defines the source of the receiver interrupt
S
elect
RIS10 Interrupt Source
0 0
RFF a RE
0 1
DAV a RE
1 0
(unused)
11
RA
Address
ASP3 – 0
A
ddress Stack
ISP 7–4
0000
Address stack pointer Writing to this location changes the
value of the pointer
and
P
ointer
Data
Stacks
DSP3 – 0 Data Stack
ISP 3–0
0000
Data stack pointer Writing to this location changes the value
of the pointer
P
ointer
DS7–0
D
ata Stack
DS 7–0
XXXX XXXX
Data Stack InputOutput port Stack is 16 bytes deep
Arithmetic
C
C
arry
CCR 1
0
A high level indicates a carry or borrow generated by an
arithmetic instruction During a shiftrotate operation the
Flags
state of the last bit shifted out appears in this location
N
N
egative
CCR 3
0
A high level indicates a negative result generated by an
arithmetic logical or shift instruction
VoVerflow
CCR 2
0
A high level indicates an overflow condition generated by an
arithmetic instruction
Z
Z
ero
CCR 0
0
A high level indicates a zero result generated by an
arithmetic logical or shift instruction
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com