Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 177 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 177 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 173Page - National Semiconductor (TI) DP8344 Datasheet HTML 174Page - National Semiconductor (TI) DP8344 Datasheet HTML 175Page - National Semiconductor (TI) DP8344 Datasheet HTML 176Page - National Semiconductor (TI) DP8344 Datasheet HTML 177Page - National Semiconductor (TI) DP8344 Datasheet HTML 178Page - National Semiconductor (TI) DP8344 Datasheet HTML 179Page - National Semiconductor (TI) DP8344 Datasheet HTML 180Page - National Semiconductor (TI) DP8344 Datasheet HTML 181Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
(Continued)
6232 Transceiver
(Continued)
Table includes control and status bits only It does not include definitions of bit fields provided for the formatting (de-formatting)
data frames For further information see the Transceiver section
Bit
Name
Location Reset State
Function
Receiver
SLR
S
elect Line
TCR 5
0
Selects the receiver input source
Control
R
eceiver
SLR
Source
(Continued)
0
DATA-IN
1
On-Chip Analog
Line Receiver
Transmitter
TA
T
ransmitter Active TSR 6
0
Reflects the state of TX-ACT indicating that data is being
transmitted Is not disabled by LOOP
Status
TFE
T
ransmit FIFO
NCF 7
1
Set high when the FIFO is empty Cleared by writing to
RTR
E
mpty
TFF
T
ransmit FIFO
TSR 7
0
Set high when the FIFO is full
RTR must not be written
when TFF is high
F
ull
Receiver
ACK
poll
NCF 1
0
Set high when a 3270 pollack command is decoded and
DAV is asserted Cleared by reading RTR
Undefined in
Status
ACK
nowledge
5250 and 8-bit modes and in the first frame of 3299 modes
DAV
D
ata AVailable
TSR 3
0
Set high when valid data is available in RTR and TSR
Cleared by reading RTR
or when an error is detected
DEME
D
ata Error or
NCF 3
0
In 3270 or 3299 modes asserted when a byte parity error is
detected In 5250 modes asserted when the 111 station
M
essage End
address is decoded and DAV is asserted Undefined in 8-bit
modes and first frame of 3299 modes
LA
L
ine Active
NCF 5
0
Indicates activity on the receiver input Set high on any
transition cleared after no input transitions are detected for
16 TCLK periods
LTA
L
ine Turn Around
NCF 4
0
Set high when an end of message is detected Cleared by
writing to RTR
writing a ‘‘1’’ to LTA or by asserting
TRES
POLL
POLL
NCF 0
0
Set high when a 3270 Poll command is decoded and DAV is
asserted Cleared by reading RTR
Undefined in 5250 and
8-bit modes and in the first frame of 3299 modes
RA
R
eceiver Active
TSR 4
0
Set high when a valid start sequence is received Cleared
when either an end of message or an error is detected
RAR
R
eceived
NCF 2
0
Set high when a 3270 Auto-Response message is decoded
and DAV is asserted Cleared by reading RTR
Undefined
A
uto-Response
in 5250 and 8-bit modes and in the first frame of 3299 modes
RE
R
eceiver Error
TSR 5
0
Set high when an error is detected Cleared by reading ECR
or by asserting TRES
RFF
R
eceive FIFO
NCF 6
0
Set high when the receive FIFO contains 3 received words
Cleared by reading RTR
F
ull
177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com