Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 176 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 176 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 172Page - National Semiconductor (TI) DP8344 Datasheet HTML 173Page - National Semiconductor (TI) DP8344 Datasheet HTML 174Page - National Semiconductor (TI) DP8344 Datasheet HTML 175Page - National Semiconductor (TI) DP8344 Datasheet HTML 176Page - National Semiconductor (TI) DP8344 Datasheet HTML 177Page - National Semiconductor (TI) DP8344 Datasheet HTML 178Page - National Semiconductor (TI) DP8344 Datasheet HTML 179Page - National Semiconductor (TI) DP8344 Datasheet HTML 180Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
(Continued)
6232 Transceiver
(Continued)
Table includes control and status bits only It does not include definitions of bit fields provided for the formatting (de-formatting)
data frames For further information see the Transceiver section
Bit
Name
Location Reset State
Function
Transceiver TCS10 Transceiver Clock
DCR 65
10
Selects transceiver clock TCLK source
Control
S
elect
TCS10
TCLK
(Continued)
0 0
OCLK
0 1
OCLK2
1 0
OCLK4
1 1
X-TCLK
OCLK is the frequency of the on-chip oscillator or the
externally applied clock on input X1 X-TCLK is the external
transceiver clock input
TRES
T
ransceiver RESet
TMR 7
0
Resets transceiver when high Transceiver can also be reset
by RESET without affecting TRES
Transmitter
ATA
A
dvance Transmitter TCR 4
0
When high TX-ACT is advanced one half bit time so that the
transmitter can generate 55 line quiesce pulses
Control
A
ctive
AT7–3
A
uxiliary
ATR 7–3
XXXXX
In 5250 modes Controls the time TX-ACT is held after the last
fill bit
T
ransceiver control
AT7–3
TX-ACT Hold Time (ms)
(If TCLK e 8 MHz)
00000
0
00001
0 5
00010
1
vv
11111
155
FB7–0
F
ill Bit select
FBR 7–0
XXXX XXXX The value in this register contains the 1’s complement of the
number of additional 5250 fill bits selected
OWP
O
dd Word Parity
TCR 3
0
Controls transmitter word parity
OWP
Word Parity
0
Even
1
Odd
TF10 – 8 Transmit FIFO
TCR 2–0
000
OWP
TF10 – 8 and RTF7 – 0 are pushed onto the
transmit FIFO on moves to RTR
TIN
T
ransmitter INvert
TMR 3
0
When high the transmitter serial data outputs are inverted
Receiver
AT7 – 0
A
uxiliary
ATR 7–0
XXXX XXXX In 5250 modes AT2–0 contains the station address In 8-bit
modes AT7–0 contains the station address
Control
T
ransceiver control
RF10 – 8 Receive FIFO
TSR 2–0
XXX
Reflects the state of the most significant 3 bits in the top
location of the receive FIFO
RIN
R
eceiver INvert
TMR 4
0
When high the receiver serial data is inverted
RLQ
R
eceive Line
TCR 7
1
Selects number of line quiesce bits the receiver requires
before it will indicate receipt of a valid start sequence
Q
uiesce
RLQ Number of Line Quiesce Pulses
02
13
RPEN
R
ePeat ENable
TMR 5
0
When high the receiver can be active at the same time as the
transmitter
SEC
S
elect Error Codes
TCR 6
0
When high
ECR is switched into RTR location
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com