Electronic Components Datasheet Search
  English  ▼

X  

DP8344 Datasheet(PDF) 180 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344 Datasheet(HTML) 180 Page - National Semiconductor (TI)

Back Button DP8344 Datasheet HTML 176Page - National Semiconductor (TI) DP8344 Datasheet HTML 177Page - National Semiconductor (TI) DP8344 Datasheet HTML 178Page - National Semiconductor (TI) DP8344 Datasheet HTML 179Page - National Semiconductor (TI) DP8344 Datasheet HTML 180Page - National Semiconductor (TI) DP8344 Datasheet HTML 181Page - National Semiconductor (TI) DP8344 Datasheet HTML 182Page - National Semiconductor (TI) DP8344 Datasheet HTML 183Page - National Semiconductor (TI) DP8344 Datasheet HTML 184Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 180 / 184 page
background image
60 Reference Section (Continued)
Scope are single PC expansion cards that can record de-
code and display activity on the 3270 coax and 5250 twinax
line respectively These devices also allow the play back of
the recorded controller information Capstone Technology
also supplies a line monitor The CT101C Network Analysis
Monitor (NAM) is a coax line monitor
These companies can be contacted at the following loca-
tions
Azure Technology Inc
38 Pond Street
Franklin Massachusettes 02038
(508) 520-3800
Capstone Technology
853 Brown Rd Suite 207
Fremont California 94539
(415) 438-3500
New Leaf Technology Ltd
24A High Street
Cobham
Surrey
KT113EB
ENGLAND
(0932) 66466
For technical assistance in using the DP8344B contact the
BCP Hot Line (817) 468-6676
TABLE 6-4 DP8344 Application Notes
App
Note No
Title
AN-623
Interfacing Memory to the DP8344B
AN-624
A Combined Coax-Twisted Pair 3270 Line
Interface for the DP8344 Biphase
Communications Processor
AN-516
Interfacing the DP8344 to Twinax
AN-504
DP8344 BCP Stand-Alone Soft-Load
System
AN-499
‘‘Interrupts’’-A Powerful Tool of the Biphase
Communications Processor
AN-625
JRMK Speeds Command Decoding
AN-627
DP8344 Remote Processor Interfacing
AN-626
DP8344 Timer Application
AN-641
MPA - A Multi-Protocol Terminal Emulation
Adapter Using the DP8344
AN-688
The DP8344 BCP Inverse Assembler
66 DP8344A AND DP8344B COMPATIBILITY GUIDE
The DP8344B is an enhanced version of the DP8344A ex-
hibiting improved switching performance and additional
functionality The device has been characterized in a num-
ber of applications and found to be a compatible replace-
ment for the DP8344A Differences between the DP8344A
and DP8344B are detailed in this section
661 Timing Changes to the CPU
Relative to the DP8344A the DP8344B incorporates a num-
ber of timing changes designed to improve the system inter-
face These timing changes are improvements in the timing
specifications and therefore should allow the DP8344B to
drop into existing DP8344A designs without any hardware
modifications
The DP8344A exhibits a small amount of contention be-
tween certain bus signals as detailed in the Device Specifi-
cations section of this data sheet The DP8344B interface
timing improvements are designed to reduce andor elimi-
nate this bus contention
 70 ns Data Memory
At a 20 MHz CPU clock rate the DP8344B can support 70
ns static RAM for data memory with no wait states The
DP8344A was limited to 55 ns static RAM for data memo-
ry with no wait states (See Section 50 Device Specifica-
tions)
 READ
The timing of the READ strobe has been improved to re-
duce bus contention during a data memory access There
is now more time between AD disabled and READ falling
as well as one-half T-state between READ rising and AD
enabled In addition a new 4 T-state read option has been
provided to eliminate bus contention (See Section 50 De-
vice Specifications for timing changes and 4 T-state
Read
later in this document for more information on the 4
T-state Read option)
The user can therefore choose between a fast read mode
(3 T-states) with a small amount of contention and a slow-
er read mode (4 T-states) with no contention
 AAD Bus Timing
The timing of the A and AD buses has been changed to
eliminate bus contention during remote accesses of data
memory There is now a one-half T-state TRI-STATE zone
during the bus transfer from local to remote control and
vice versa (See Section 50 Device Specifications)
 IWR
The timing of IWR has been changed such that IWR now
falls one T-state earlier This eliminates bus contention
during the start of soft loads (See Section 50 Device
Specifications)
 IA Bus Softload Timing
The auto-increment of the IA bus address during soft
loads of instruction memory now occurs one T-state later
to maintain in-phase data and thereby eliminate bus con-
tention (See Seection 50 Device Specifications)
 LCL
LCL is now removed when REM-RD is taken high on buff-
ered reads of RIC
the program counter and instruction
memory to eliminate bus contention in this mode (See
Section 50 Device Specifications)
 RIC
The hold time on slow buffered writes to RIC and the
program counter has been improved (See Section 50 De-
vice Specifications)
 ‘‘Kick-start’’
The hold time on REM-WR and REM-RD to RESET to
‘‘kick-start’’ the CPU has been improved (See Section 50
Device Specifications)
662 Additional Functionality of the DP8344B
6621 4 T-state Read
To eliminate bus contention during memory accesses a
new optional read mode has been created controlled by
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com