| Electronic Components Datasheet Search |
|
DP8344 Datasheet(PDF) 182 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344 Datasheet(HTML) 182 Page - National Semiconductor (TI) |
|
182 / 184 page ![]() 60 Reference Section (Continued) banked registers Two or more sets of CPU registers that occupy the same register space but only one of which is accessible at a time barrel shifter Dedicated hardware for shifting and rotat- ing BCP An abbreviation for Biphase Communications Proc- essor the National Semiconductor DP8344 biphase In this communications signal encoding tech- nique the data is divided into discrete bit time intervals de- noted by a transition in the center of the bit time This tech- nique combines the clock and data information into one transmission In 3270 and 3299 protocols a mid-bit tran- sition from low to high represents a bi-phase 1 and a mid- bit transition from high to low represents a bi-phase 0 For the 5250 protocol the definition of biphase logic levels is reversed Biphase encoding is also called Manchester II encoding BIRQ The Bidirectional Interrupt ReQuest Without any other notation BIRQ will refer to the BIRQ interrupt itself BIRQ with a bar on top of it (BIRQ) is used where the pin is referenced BIRQ in brackets ( BIRQ )isbit4inthe CCR register coax (1) RG-62AU 93X coaxial cable that is used in 3270 protocol systems (2) Sometimes this term is used to refer to the 3270 protocol itself code violation A violation of the bi-phase encoding for- mat that is part of the start sequence In 3270 3299 and the general purpose 8-bit mode the code violation is 1 bit times low and then 1 bit times high In the 5250 proto- col the signal levels are reversed communications protocol A set of rules which defines the physical electrical control and formatting specifica- tions required to successfully transfer data between two systems context switch Switching between two theoretically inde- pendent functions that should not affect each other except under specified circumstances controller The master device that initiates all communica- tion to the slave device and controls the manner in which the slave presents the information It acts as the interface both physically and logically between the slave terminals and printers and a host processor CPU-CLK The clock that the operation of the BCP’s CPU is synchronized to The period of this clock which defines T-state boundaries is either that of OCLK or one-half of OCLK depending on the configuration of the BCP The tim- er clock is also derived from CPU-CLK CUT Control Unit Terminal A mode of the controller where attached devices have limited intelligence and are perceived to be hardware extensions of the controller The controller directs all printer screen and keyboard activity DFT Distributed Function Terminal A controller mode that supports multiple logical terminals in the same device The controller communicates in higher level commands via data placed in the buffer The slave device has a greater amount of intelligence than the CUT mode device and is responsible for the terminal operation direct coupled The connection of the transceiver to the transmission cable in a manner that does not isolate it from DC voltages Contrast this with transformer coupled dual port memory A memory architecture that allows two different processors to access the same memory range al- ternately ending sequence A defined sequence of bits signifying the end of a transmission In 3270 and 3299 it consists of a bi-phase 0 followed by a low to high transition on the bit time boundary and two mini-code violations FIFO A section of memory or as in the case of the BCP transceiver a set of registers that are accessed in a First-In First-Out method In other words the first data placed in the FIFO by a write will be the first data removed by a read fill bits Fill bits are bi-phase 0’s used only in the 5250 protocol A minimum of three fill bits are required between each frame of a multi-frame message This number may be increased by the controller to approximately 243 per the SetMode command There are always only three fill bits af- ter the last frame of the transmission general purpose 8-bit mode A generic communications mode similar to 3270 and 5250 frame formatting using 8-bit serial data and bi-phase signal encoding The BCP sup- ports both promiscuous and non-promiscuous modes Harvard architecture A computer architecture where the instruction and data memory are organized into two inde- pendent memory banks each with their own address and data buses hold time The amount of time the line is driven at the end of 5250 transmissions to suppress noise on the cabling sys- tem ICLK The clock that identifies the start of each instruction when it rises and indicates when the next instruction ad- dress is valid when it falls immediate addressing mode An addressing method where one operand the data for Move instructions and the address for Jump instructions is contained in the instruction itself immediate-relative addressing mode An addressing method that adds an unsigned 8-bit immediate number to the index register IZ to form the data memory address of an operand indexed addressing mode An addressing method that uses the contents of an index register as the data memory address for one of the operands in an instruction interrupt latency The time from when an interrupt first occurs until it begins executing at its interrupt vector jitter Timing variations for signals of different harmonic content that move the edges of a transmitted signal in time causing uncertainty in their decoding jitter tolerance The total amount of time an edge of a transmitted bit may move and still have its data bit decoded correctly LIFO A sequence of registers or memory locations that are accessed in a Last-In First-Out method in other words the last data written into the LIFO will be the first to be removed by a read Also known as a stack limited register set In the BCP the first 16 register ad- dress locations (R0 – R11 in both banks and R12 – R15) that can be used in all instructions 182 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |