Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors TDA9554PS Datasheet HTML 35Page - NXP Semiconductors TDA9554PS Datasheet HTML 36Page - NXP Semiconductors TDA9554PS Datasheet HTML 37Page - NXP Semiconductors TDA9554PS Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 125 page
background image
2000 Jun 22
34
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
different priority level are received simultaneously, the
request with the highest priority level is serviced. If
requests of the same priority level are received
simultaneously, an internal polling sequence determines
which request is serviced. Thus, within each priority level
there is a second priority structure determined by the
polling sequence as defined in Table 4.
INTERRUPT VECTOR ADDRESS
The processor acknowledges an interrupt request by
executing a hardware generated LCALL to the appropriate
servicing routine. The interrupt vector addresseses are
shown in Table 4.
LEVEL/EDGE INTERRUPT
The external interrupt can be programmed to be either
level-activated or transition activated by setting or clearing
the IT0/1 bits in the Timer Control SFR(TCON).
The external interrupt INT1 differs from the standard
80C51 in that it is activated on both edges when in edge
sensitive mode. This is to allow software pulse width
measurement for handling remote control inputs.
Timer/Counter
Two 16 bit timers/counters are incorporated Timer0 and
Timer1. Both can be configured to operate as either timers
or event counters.
In Timer mode, the register is incremented on every
machine cycle. It is therefore counting machine cycles.
Since the machine cycle consists of 12 oscillator periods,
the count rate is 1/12 Fosc = 1MHz.
In Counter mode, the register is incremented in response
to a negative transition at its corresponding external pin
T0/1. Since the pins T0/1 are sampled once per machine
cycle it takes two machine cycles to recognise a transition,
this gives a maximum count rate of 1/24 Fosc = 0.5MHz.
There are six special function registers used to control the
timers/counters as defined in Table 6.
Source
Priority within level
Interrupt Vector
EX0
Highest
0003H
ET0
000BH
EX1
0013H
ET1
001BH
ECC
0023H
ES2
002BH
EBUSY
0033H
ET2PR
Lowest
003BH
Table 4
Interrupt Priority (within same level)
ITx
Level
Edge
0
Active low
1
INT0 = Negative Edge
INT1 = Positive and Negative Edge
Table 5
External Interrupt Activation
SFR
Address
TCON
88H
TMOD
89H
TL0
8AH
TH0
8BH
TL1
8CH
TH1
8DH
Table 6
Timer/Counter Registers
TF1 TR TF0 TR
IE1 IT1 IE0 IT0
Symbol
Position
Name and Significance
TF1
TCON.7
Timer 1 overflow flag. Set by hard-
ware on timer/counter overflow.
Cleared by hardware when processor
vectors to interrupt routine.
TR1
TCON.6
Timer 1 Run control bit. Set/cleared
by software to turn timer.counter
on/off.
TF0
TCON.5
Timer 0 overflow flag. Set by hard-
ware on timer/counter overflow.
Cleared by hardware when processor
vectors to interrupt routine.
TR0
TCON.4
Timer 0 Run control bit. Set/cleared
by software to turn timer.counter
on/off.
Symbol
Position
Name and Significance
IE1
TCON.3
Interrupt 1 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
processed.
IT1
TCON.2
Interrupt 1 Type control bit.
Set/cleared by software to specify fall-
ing edge/low level triggered external
interrupts.
IE0
TCON.1
Interrupt 0 Edge flag. Set by hardware
when external interrupt edge
detected. Cleared when interrupt
processed.
IT0
TCON.0
Interrupt 0 Type control bit.
Set/cleared by software to specify fall-
ing edge/low level triggered external
interrupts.
Fig.11 Timer/Counter Control (TCON) register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com