Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors TDA9554PS Datasheet HTML 35Page - NXP Semiconductors TDA9554PS Datasheet HTML 36Page - NXP Semiconductors TDA9554PS Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 125 page
background image
2000 Jun 22
33
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
I/O Facility
I/O PORTS
The IC has 13 I/O lines, each is individually addressable,
or form part of 4 parallel addressable ports which are
port0, port1, port2 and port3.
PORT TYPE
All individual ports can be programmed to function in one
of four modes, the mode is defined by two Port
Configuration SFRs. The modes available are Open Drain,
Quasi-bidirectional, High Impedance and Push-Pull.
Open Drain
The Open drain mode can be used for bi-directional
operation of a port. It requires an external pull-up resistor,
the pull-up voltage has a maximum value of 5.5V, to allow
connection of the device into a 5V environment.
Quasi bi-directional
The quasi-bidirectional mode is a combination of open
drain and push pull. It requires an external pull-up resistor
to VDDp (nominally 3.3V). When a signal transition from
0->1 is output from the device, the pad is put into push-pull
mode for one clock cycle (166ns) after which the pad goes
into open drain mode. This mode is used to speed up the
edges of signal transitions. This is the default mode of
operation of the pads after reset.
High Impedance
The high impedance mode can be used for Input only
operation of the port. When using this configuration the two
output transistors are turned off.
Push-Pull
The push pull mode can be used for output only. In this
mode the signal is driven to either 0V or VDDp, which is
nominally 3.3V.
Interrupt System
The device has 8 interrupt sources, each of which can be
enabled or disabled. When enabled, each interrupt can be
assigned one of two priority levels. There are four
interrupts that are common to the 80C51, two of these are
external interrupts (EX0 and EX1) and the other two are
timer interrupts (ET0 and ET1). There is also one interrupt
connected to the 80c51 micro-controller IIC peripheral for
Transmit and Receive operation.
The TDA955x/6x/8x family of devices have an additional
16-bit Timer (with 8-bit Pre-scaler). To accommodate this,
another interrupt ET2PR has been added to indicate timer
overflow.
In addition to the conventional 80c51, two application
specific interrupts are incorporated internal to the device
which have the following functionality:-
CC (Closed Caption Data Ready Interrupt) - This
interrupt is generated when the device is configured for
Closed Caption acquisition. The interrupt is activated at
the end of the currently selected Slice Line as defined in
the CCLIN SFR.
BUSY (Display Busy Interrupt) - An interrupt is
generated when the Display enters either a Horizontal or
Vertical Blanking Period. i.e. Indicates when the
micro-controller can update the Display RAM without
causing undesired effects on the screen. This interrupt can
be configured in one of two modes using the MMR
Configuration Register (Address 87FF, Bit-3 [TXT/V]):-
• TeXT Display Busy: An interrupt is generated on each
active horizontal display line when the Horizontal
Blanking Period is entered.
• Vertical Display Busy: An interrupt is generated on each
vertical display field when the Vertical Blanking Period is
entered.
INTERRUPT ENABLE STRUCTURE
Each of the individual interrupts can be enabled or
disabled by setting or clearing the relevant bit in the
interrupt enable SFRs (IE and IEN1). All interrupt sources
can also be globally disabled by clearing the EA bit (IE.7).
INTERRUPT ENABLE PRIORITY
Each interrupt source can be assigned one of two priority
levels. The interrupt priorities are defined by the interrupt
priority SFRs (IP and IP1). A low priority interrupt can be
interrupted by a high priority interrupt, but not by another
low priority interrupt. A high priority interrupt can not be
interrupted by any other interrupt source. If two requests of
EX0
ET0
EX1
ET1
ECC
ES2
EBUSY
H1
H2
H3
H4
H5
H6
H7
L1
L2
L3
L4
L5
L6
L7
Highest Priority Level1
Highest Priority Level0
ET2PR
Lowest Priority Level1
Lowest Priority Level0
IE.0:6
IP.0:6
Source
Enable
Global
Enable
Priority
Control
IE1.0
IP1.0
IE.7
Interrupt
Source
H8
L8
Fig.10 Interrupt Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com