Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors TDA9554PS Datasheet HTML 35Page - NXP Semiconductors TDA9554PS Datasheet HTML 36Page - NXP Semiconductors TDA9554PS Datasheet HTML 37Page - NXP Semiconductors TDA9554PS Datasheet HTML 38Page - NXP Semiconductors TDA9554PS Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 125 page
background image
2000 Jun 22
35
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
The Timer/Counter function is selected by control bits C/T
in the Timer Mode SFR (TMOD). These two
Timer/Counter have four operating modes, which are
selected by bit-pairs (M1.M0) in the TMOD. Refer to the
80C51 based 8-bit micro-controllers - Philips
Semiconductors (ref. IC20) for detail of the modes and
operation.
TL0/TL1 and TH0/TH1 are the actual timer/counter
registers for timer0 / timer1. TL0/TL1 is the low byte and
TH0/TH1 is the high byte.
TIMER WITH PRE-SCALER
An additional 16-bit timer with 8-bit pre-scaler is provided
to allow timer periods up to 16.777 seconds. This timer
remains active during IDLE mode.
TP2L sets the lower value of the period for timer 2 and
TP2H is the upper timer value. TP2PR provides an 8-bit
pre-scaler for timer 2. The value on TP2PR, TP2H and
TP2L shall never change unless updated by the software.
If the micro reads TP2R, TP2H orTP2L at any stage, this
should return the value written and not the current timer 2
value. The timer 2 should continue after overflow by
re-loading the timer with the values of SFRs TP2PR, TP2H
and TP2L.
TP2CL and TP2CH indicate the current timer 2 value.
These should be readable both when the timer 2 is active
and inactive. Once the timer 2 is disabled, the timer 2 value
at the time of disabling should be maintained on the SFRs
TP2CL and TP2CH. At a count of zero (on TP2CL and
TP2CH), the overflow flag should be set :- TP2CRL<1> -
’0’ = no timer 2 overflow, ’1’= timer 2 overflow.
TP2CRL is the control and status for timer 2. TP2CRL.0 is
the timer enable and TP2CRL.1 is the timer overflow
status. The overflow flag will need to be reset by software.
Hence, if required, software may poll flag rather than use
interrupt. Upon overflow an interrupt should also be
generated.
Reset values of all registers should be 00 hex.
In Timer mode, Timer 2 should count down from the value
set on SFRs TP2PR, TP2H and TP2L. It is therefore
counting machine cycles. Since the machine cycle
consists of 12 oscillator periods, the count rate is 1/12 fosc
(1MHz).
Timer2 interval = ( TP2H * 256 + TP2L ) * ( TP2PR + 1 ) * 1 us
WatchDog Timer
The WatchDog timer is a counter that once in an overflow
state forces the micro-controller in to a reset condition. The
purpose of the WatchDog timer is to reset the
micro-controller if it enters an erroneous processor state
(possibly caused by electrical noise or RFI) within a
reasonable period of time. When enabled, the WatchDog
circuitry will generate a system reset if the user program
fails to reload the WatchDog timer within a specified length
of time known as the WatchDog interval.
The WatchDog timer consists of an 8-bit counter with an
16-bit pre-scaler. The pre-scaler is fed with a signal whose
frequency is 1/12 fosc (1MHz).
The 8 bit timer is incremented every ‘t’ seconds where:
t=12x65536x1/fosc=12x65536x1/12x106 = 65.536ms
WATCHDOG TIMER OPERATION
The WatchDog operation is activated when the WLE bit in
the Power Control SFR (PCON) is set. The WatchDog can
be disabled by Software by loading the value 55H into the
WatchDog Key SFR (WDTKEY). This must be performed
before entering Idle/Power Down mode to prevent exiting
the mode prematurely.
Once activated the WatchDog timer SFR (WDT) must be
reloaded before the timer overflows. The WLE bit must be
set to enable loading of the WDT SFR, once loaded the
WLE bit is reset by hardware, this is to prevent erroneous
Software from loading the WDT SFR.
The value loaded into the WDT defines the WatchDog
interval.
WatchDog interval = (256 - WDT) * t = (256 -WDT) * 65.536ms.
The range of intervals is from WDT=00H which gives
16.777s to WDT=FFH which gives 65.536ms.
PORT Alternate Functions
The Ports 1,2 and 3 are shared with alternate functions to
enable control of external devices and circuitry. The
alternate functions are enabled by setting the appropriate
Gat C/T M1
M0 Gat C/T M1
M0
Timer 1
Timer 0
Gate
Gating control when set. Timer/counter is enabled only
while px_int_n is high and TR control bit is set. When
cleared timer/counter is enabled whenever TR control bit
is set.
C/T
Timer or Counter selector. Cleared for timer operation
(input from system clock). Set for counter operation (input
from T input pin.
M1
M0
Operating
0
0
8048 Timer, TL serves as 5-bit prescaler.
0
1
16-bit Timer/Counter, TL and TH are cascaded.
1
0
8-bit auto-reload Timer/Counter, TH holds a value
which is to be loaded into TL.
1
1
timer 0: two 8-bit Timers/Counters. TL0 is controlled by
timer 0 control bits. TH0 is controlled by timer 1 control
bits. timer 1: stopped.
Fig.12 Timer/Counter Mode control (TMOD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com