Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 59 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 55Page - NXP Semiconductors TDA9554PS Datasheet HTML 56Page - NXP Semiconductors TDA9554PS Datasheet HTML 57Page - NXP Semiconductors TDA9554PS Datasheet HTML 58Page - NXP Semiconductors TDA9554PS Datasheet HTML 59Page - NXP Semiconductors TDA9554PS Datasheet HTML 60Page - NXP Semiconductors TDA9554PS Datasheet HTML 61Page - NXP Semiconductors TDA9554PS Datasheet HTML 62Page - NXP Semiconductors TDA9554PS Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 125 page
background image
2000 Jun 22
59
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 28 MMR Descriptions
VDSPOL
VDS Polarity
0 - RGB (1), Video (0)
1 - RGB (0), Video (1)
BRI<3:0>
RGB Brightness control
Status read
BUSY
FIELD
SCON
FLR
SCR<3>
SCR<2>
SCR<1>
SCR<0>
00H
BUSY
0 - Access to display memory will not cause display problems
1 - Access to display memory could cause display problems.
FIELD
0 - Odd Field
1 - Even Field
FLR
0 - Active flash region foreground and background displayed
1 - Active flash region background only displayed
SCR<3:0>
First scroll row
Status write
-
-
SCON
FLR
SCR<3>
SCR<2>
SCR<1>
SCR<0>
00H
SCON
0 - Scroll area disabled
1 - Scroll area enabled
FLR
0 - Active flash region foreground and background colour displayed
1 - Active flash region background colour only displayed
SCR<3:0>
First Scroll Row
H-Sync. delay
-
HSD<6>
HSD<5>
HSD<4>
HSD<3>
HSD<3>
HSD<1>
HSD<0>
00H
HSD<6:0>
H-Sync delay, in full size characters
V-Sync Delay
-
VSD<6>
VSD<5>
VSD<4>
VSD<3>
VSD<2>
VSD<1>
VSD<0>
00H
VSD<6:0>
V-Sync delay in number of TV lines
Top Scroll Line
----
SCL<3>
SCL<2>
SCL<1>
SCL<0>
00H
SCL<3:0>
Top line for scroll
Configuration
CC
VDEL<2>
VDEL<1>
VDEL<0>
TXT/V
-
-
-
00H
CC
0 - OSD mode
1 - Closed Caption mode
VDEL<2:0>
Pixel delay between VDS and RGB output
000 - VDS switched to video, not active
001 - VDS active one pixel earlier then RGB
010 - VDS synchronous to RGB
100 - VDS active one pixel after RGB
TXT/V
BUSY Signal switch
1 - Horizontal
0 - Vertical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com