Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 69 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 65Page - NXP Semiconductors TDA9554PS Datasheet HTML 66Page - NXP Semiconductors TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 125 page
background image
2000 Jun 22
69
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 43
EW width
Table 44
EW parabola/width
Table 45
EW upper/lower corner parabola
Table 46
EW trapezium
Table 47
Vertical slope
Table 48
Vertical amplitude
Table 49
S-correction
Table 50
Vertical shift
Table 51
Vertical zoom
Table 52
Black level off-set R/G
Table 53
White point R/G/B
Table 54
Peaking centre frequency
Table 55
Peaking control (overshoot in direction ‘black’)
DAC SETTING
CONTROL
0
output current 700
µA
3F
output current 0
µA
DAC SETTING
CONTROL
0
output current 0
µA
3F
output current 440
µA at top and
bottom of screen
DAC SETTING
CONTROL
0
output current +76
µA
11
output current 0
µA
3F
output current
−207 µA
DAC SETTING
CONTROL
0
output current at top of screen 100
µA
lower that at bottom
20
no correction
3F
output current at top of screen 100
µA
higher than at bottom
DAC SETTING
CONTROL
0
correction
−20%
20
no correction
3F
correction +20%
DAC SETTING
CONTROL
0
amplitude 80%
20
amplitude 100%
3F
amplitude 120%
DAC SETTING
CONTROL
0
correction
−10%
0E
no correction
3F
correction 25%
DAC SETTING
CONTROL
0
shift
−5%
20
no correction
3F
shift +5%
DAC SETTING
CONTROL
0
amplitude 75%
20
amplitude 100%
3F
amplitude 138%
DAC SETTING
CONTROL
0
off-set of
−160 mV
20
no off-set
3F
off-set of +160 mV
DAC SETTING
CONTROL
0
gain
−3 dB
20
no correction
3F
gain +3 dB
PF1
PF0
CENTRE FREQUENCY
0
0
2.7 MHz
0
1
3.1 MHz
1
0
3.5 MHz
1
1
spare
DAC SETTING
CONTROL
0
depeaking (overshoot
−22%)
10
no peaking
3F
overshoot 80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com