Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 72 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 125 page
background image
2000 Jun 22
72
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 79
Video ident mode
Table 80 Forced slicing level for vertical sync
Table 81
Switch-off in vertical overscan
Table 82
Forced field frequency
Table 83
Interlace
Table 84
Vertical divider mode
Table 85 Black current measuring lines in overscan (for
vertical zoom setting
< 1)
Table 86 AFC switch
Table 87 Disable flash protection
Table 88 X-ray detection
Table 89 Service blanking
Table 90
Adjustment Vg2 voltage
Table 91
Enable vertical guard (RGB blanking)
Table 92
EHT tracking mode
VID
VIDEO IDENT MODE
0
ϕ1 loop switched on and off
1
not active
FSL
SLICING LEVEL
0
slicing level dependent on noise detector
1
fixed slicing level of 70%
OSO
MODE
0
Switch-off undefined
1
Switch-off in vertical overscan
FORF
FORS
FIELD FREQUENCY
0
0
auto (60 Hz when line not in sync)
0
1
60 Hz
1
0
keep last detected field frequency
1
1
auto (50 Hz when line not in sync)
DL
STATUS
0
interlace
1
de-interlace
NCIN
VERTICAL DIVIDER MODE
0
normal operation
1
switched to search window
OSVE
MODE
0
normal operation
1
measuring lines in overscan
AFN
MODE
0
normal operation
1
AFC not active
DFL
MODE
0
flash protection active
1
flash protection disabled
XDT
MODE
0
protection mode, when a too high EHT is
detected the receiver is switched to stand-by
and the XPR-bit is set to 1
1
detection mode, the receiver is not switched
to stand-by and only the XPR-bit is set to 1
SBL
SERVICE BLANKING MODE
0
off
1on
AVG
MODE
0
normal operation
1Vg2 adjustment (WBC and HBC bits in output
byte 01 can be read)
EVG
VERTICAL GUARD MODE
0
not active
1
active
HCO
TRACKING MODE
0
EHT tracking only on vertical
1
EHT tracking on vertical and EW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com