Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 7Page - NXP Semiconductors TDA9554PS Datasheet HTML 8Page - NXP Semiconductors TDA9554PS Datasheet HTML 9Page - NXP Semiconductors TDA9554PS Datasheet HTML 10Page - NXP Semiconductors TDA9554PS Datasheet HTML 11Page - NXP Semiconductors TDA9554PS Datasheet HTML 12Page - NXP Semiconductors TDA9554PS Datasheet HTML 13Page - NXP Semiconductors TDA9554PS Datasheet HTML 14Page - NXP Semiconductors TDA9554PS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
Table 1
Pin functions for various versions
Note
1. When the AM/FM mode is chosen several pins have a different function. For this reason this mode can be selected only when the adapted
application is used.
2. When in the AM/FM mode the AM bit is activated a capacitor with a value of about 2.2
µF has to be switched externally in parallel with the sound
PLL filter
3. When additional (external) selectivity is required for FM-PLL system pin 32 can be used as sound IF input. This function is selected by means of
SIF bit in subaddress 21H.
IC version
FM-PLL version
QSS VERSION
AM/FM MODE (1)
NORMAL MODE
AMFM bit
0
1
0
East-West Y/N
N
Y
N
N
Y
CMB1/CMB0 bits
00
01/10/11
00
01/10/11
−
00
01/10/11
00
01/10/11
AM bit
−
−−−
01
−
01
−
01
Pin 20
AVL
EWD
DECSDEM
AVL
EWD
Pin 28
AUDEEM
SIFIN1
SIFIN1
Pin 29
DECSDEM
SIFIN2
SIFIN2
Pin 31
SNDPLL
SNDPLL SIFAGC(2)
SIFAGC
Pin 32
SNDIF(3)
REFO AVL/SNDIF(3) REFO
AUDEEM/AMOUT
AMOUT
REFO
AMOUT
REFO
Pin 35
AUDEXT
AUDEXT
AUDEXT
QSSO
AMOUT
AUDEXT
QSSO
AMOUT
Pin 44
AUDOUT
controlled audio out
controlled AM out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com