Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors TDA9554PS Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 125 page
background image
2000 Jun 22
31
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
External (Auxiliary + Display) Memory
The normal 80C51 external memory area has been
mapped internally to the device, this means that the MOVX
instruction accesses data memory internal to the device.
The movx memory map is shown in Fig.8.
Auxiliary RAM Page Selection
The Auxiliary RAM page pointer is used to select one of
the 256 pages within the auxiliary RAM, not all pages are
allocated, refer to Fig.9. A page consists of 256
consecutive bytes. XRAMP only works on internal MOVX
memory.
Power-on Reset
Power on reset is generated internally to the
TDA955x/6x/8x device, hence no external reset circuitry is
required. The TV processor die shall generate the master
reset in the system, which in turn will reset the
microcontroller die
A external reset pin is still present and is logically ORed
with the internal Power on reset. This pin will only be used
for test modes and OTP/ISP programming. The active high
reset pin incorporates an internal pull-down, thus it can be
left unconnected in application.
Power Saving modes of Operation
There are three Power Saving modes, Idle, Stand-by and
Power Down, incorporated into the Painter1_Plus die.
When utilizing either mode, the 3.3v power to the device
(Vddp, Vddc & Vdda) should be maintained, since Power
Saving is achieved by clock gating on a section by section
basis.
STAND-BY MODE
During Stand-by mode, the Acquisition and Display
sections of the device are disabled. The following
functions remain active:-
• 80c51 CPU Core
• Memory Interface
• I2C
• Timer/Counters
• WatchDog Timer
• SAD and PWMs
Data RAM(1)
0000H
01FFH
7FFFH
8000H
845FH
Display RAM
for
Closed Caption(3)
8700H
871FH
CLUT
87F0H
87FFH
Display Registers
8800H
8BFFH
Dynamically
Re-definable
Characters
Lower 32K bytes
Upper 32K bytes
8C00H
FFFFH
Fig.8 Movx Address Map
0200H
47FFH
4800H
Display RAM
for
TEXT PAGES(2)
(1) Amount of Data RAM depends on device, PainterOSD 64K has 0.75K,
Painter1.1 has 1K and Painter1.10 has 2K
(2) Amount of Display RAM depends on the device, PainterOSD 64K has
1.25K, Painter1.1 has 2K and Painter1.10 has 10K
(3) Display RAM for Closed Caption and Text is shared
(XRAMP)=00H
0000H
00FFH
0100H
01FFH
00H
FFH
00H
FFH
(XRAMP)=01H
(XRAMP)=FEH
FE00H
FEFFH
FF00H
FFFFH
00H
FFH
00H
FFH
(XRAMP)=FFH
MOVX @DPTR,A
MOVX @Ri, A
MOVX A, @Ri
MOVX A,@DPTR
Fig.9 Indirect addressing
(Movx address space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com