Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 42Page - NXP Semiconductors TDA9554PS Datasheet HTML 43Page - NXP Semiconductors TDA9554PS Datasheet HTML 44Page - NXP Semiconductors TDA9554PS Datasheet HTML 45Page - NXP Semiconductors TDA9554PS Datasheet HTML 46Page - NXP Semiconductors TDA9554PS Datasheet HTML 47Page - NXP Semiconductors TDA9554PS Datasheet HTML 48Page - NXP Semiconductors TDA9554PS Datasheet HTML 49Page - NXP Semiconductors TDA9554PS Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 125 page
background image
2000 Jun 22
46
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
TXT: The control character “New background” (“1Dh”) is
used to change the background colour to the current
foreground colour. The selection is immediate (“Set at”)
and remains valid until the end of the row or until otherwise
modified.
The TEXT background control characters map to the
CLUT entries as shown below:
BACKGROUND DURATION
The attribute when set takes effect from the current
position until to the end of the text display defined in
REG4:Text Area End.
CC: The background duration attribute (see Table 18,
Serial Mode 1, bit 8) in combination with the End Of Row
attribute (see Table 18, Serial Mode 1, bit 9) forces the
background colour to be display on the row until the end of
the text area is reached.
TXT: This attribute is not available.
UNDERLINE
The underline attribute causes the characters to have the
bottom scan line of the character cell forced to foreground
colour, including spaces. If background duration is set,
then underline is set until the end of the text area.
CC: The underline attribute (see Table 18, Serial Mode
0/1, bit 4) is valid from the time set until end of row or
otherwise modified.
TXT: This attribute is not available.
OVERLINE
The overline attribute causes the characters to have the
top scan line of the character cell forced to foreground
colour, including spaces. If background duration is set,
then overline is set until the end of the text area.
CC: The overline attribute (see Table 18, Serial Mode 0/1,
bit 5) is valid from the time set until end of row or otherwise
modified. Overlining of Italic characters is not possible.
TXT: This attribute is not available.
END OF ROW
CC: The number of characters in a row is flexible and can
determined by the end of row attribute (see Table 18,
Serial Mode 1, bit 9). However the maximum number of
character positions displayed is determined by the setting
of the REG2:Text Position Horizontal and REG4:Text Area
End.
NOTE: When using the end of row attribute the next
character location after the attribute should always be
occupied by a ’space’.
TXT: This attribute is not available, Row length is fixed at
40 characters.
FRINGING
A fringe (shadow) can be defined around characters. The
fringe direction is individually selectable in any of the
North, South, East and West direction using
REG3:Fringing Control. The colour of the fringe can also
be defined as one of the entries in the CLUT, again using
REG3:Fringing Control.
CC: The fringe attribute (see Table 18, Serial Mode 0, bit
9) is valid from the time set until the end of the row or
otherwise modified.
TXT: The display of fringing in TXT mode is controlled by
the TXT4.SHADOW bit. When set all the alphanumeric
characters being displayed are shadowed, graphics
characters are not shadowed.
Fig.16 South and Southwest Fringing
MESHING
The attribute effects the background colour being
displayed. Alternate pixels are displayed as the
background colour or video.The structure is offset by 1
Control Code
Defined Colour
CLUT Entry
00h+1Dh
Black
8
01h+1Dh
Red
9
02h+1Dh
Green
10
03h+1Dh
Yellow
11
04h+1Dh
Blue
12
05h+1Dh
Magenta
13
06h+1Dh
Cyan
14
07h+1Dh
White
15
Table 15 Background CLUT mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com