Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 79 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors TDA9554PS Datasheet HTML 78Page - NXP Semiconductors TDA9554PS Datasheet HTML 79Page - NXP Semiconductors TDA9554PS Datasheet HTML 80Page - NXP Semiconductors TDA9554PS Datasheet HTML 81Page - NXP Semiconductors TDA9554PS Datasheet HTML 82Page - NXP Semiconductors TDA9554PS Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 125 page
background image
2000 Jun 22
79
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. This maximum value has an absolute maximum of 5.5 V independent of VDD.
2. All pins are protected against ESD by means of internal clamping diodes.
3. Human Body Model (HBM): R = 1.5 k
Ω; C = 100 pF.
4. Machine Model (MM): R = 0
Ω; C = 200 pF.
THERMAL CHARACTERISTICS
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611E”.
Latch-up
At an ambient temperature of 70
°C all pins meet the following specification:
• Itrigger ≥ 100 mA or ≥1.5VDD(max)
• Itrigger ≤−100 mA or ≤−0.5VDD(max).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
−
9V
VDD
supply voltage (all digital
supplies)
−0.5
5.0
V
VI
digital inputs
note 1
−0.5
VDD+ 0.5 V
VO
digital outputs
note 1
−0.5
VDD+ 0.5 V
IO
output current (each output)
−±10
mA
IIOK
DC input or output diode current
−±20
mA
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
0
70
°C
Tsol
soldering temperature
for 5 s
−
260
°C
Tj
operating junction temperature
−
150
°C
Ves
electrostatic handling
HBM; all pins; notes 2 and 3
−2000
+2000
V
MM; all pins; notes 2 and 4
−300
+300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
44
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com