Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 26Page - NXP Semiconductors TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 125 page
background image
2000 Jun 22
30
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
GPF<2>
0 - Disable Closed Caption acquisition
1 - Enable Closed Caption acquisition
GPF<1>
0 - Disable Text acquisition
1 - Enable Text acquisition
GPF<0> (Polarity
reversed in
Painter1_Plus
standalone)
0 - Standalone (Painter1_Plus) mode
1 - UOC mode
WDT
WDV<7>
WDV<6>
WDV<5>
WDV<4>
WDV<3>
WDV<2>
WDV<1>
WDV<0>
00H
WDv<7:0>
Watch Dog Timer period
WDTKEY
WKEY<7>
WKEY<6>
WKEY<5>
WKEY<4>
WKEY<3>
WKEY<2>
WKEY<1>
WKEY<0>
00H
WKEY<7:0>
Watch Dog Timer Key.
Note: Must be set to 55H to disable Watch dog timer when active.
WSS1
0
0
0
WSS<3:0>
ERROR
WSS<3>
WSS<2>
WSS<1>
WSS<0>
00H
WSS<3:0>
ERROR
0 - No error in WSS<3:0>
1 - Error in WSS<3:0>
WSS<3:0>
Signalling bits to define aspect ratio (group 1)
WSS2
0
0
0
WSS<7:4>
ERROR
WSS<7>
WSS<6>
WSS<5>
WSS<4>
00H
WSS<7:4>
ERROR
0 - No errors in WSS<7:4>
1 - Error in WSS<7:4>
WSS<7:4>
Signalling bits to define enhanced services (group 2)
WSS3
WSS<13:11
< ERROR
WSS<13>
WSS<12>
WSS<11>
WSS<10:8>
ERROR
WSS<10>
WSS<9>
WSS<8>
00H
WSS<13:11>
ERROR
0 - No error in WSS<13:11>
1 - Error in WSS<13:11>
WSS<13:11>
Signalling bits to define reserved elements (group 4)
WSS<10:8>
ERROR
0 - No error in WSS<10:8>
1 - Error in WS<10:8>
WSS<10:8>
Signalling bits to define subtitles (group 3)
XRAMP
XRAMP<7>
XRAMP<6>
XRAMP<5>
XRAMP<4>
XRAMP<3>
XRAMP<2>
XRAMP<1>
XRAMP<0>
00H
XRAMP<7:0>
Internal RAM access upper byte address.
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com