Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 55 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 51Page - NXP Semiconductors TDA9554PS Datasheet HTML 52Page - NXP Semiconductors TDA9554PS Datasheet HTML 53Page - NXP Semiconductors TDA9554PS Datasheet HTML 54Page - NXP Semiconductors TDA9554PS Datasheet HTML 55Page - NXP Semiconductors TDA9554PS Datasheet HTML 56Page - NXP Semiconductors TDA9554PS Datasheet HTML 57Page - NXP Semiconductors TDA9554PS Datasheet HTML 58Page - NXP Semiconductors TDA9554PS Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 125 page
background image
2000 Jun 22
55
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
CHARACTER TABLE
The character table is shown in Table 24:-
Re-definable Characters
A number of Dynamically Re-definable Characters (DRC) are available. These are mapped onto the normal character
codes, and replace the pre-defined OTP character Rom value.
There are 32 DRCs which occupy character codes 80H to 9FH. Alternatively, These locations can be utilized as 16
special graphics characters. The remapping of the standard OSD to the DRCs is activated when the TXT21.DRCS
ENABLE bit is set. The selection of Normal or Special OSD symbols is defined by the TXT21.OSD PLANES.
Each character is stored in a matrix of 16x16x1 (V x H x planes), this allows for all possible character matrices to be
defined within a single location.
Character code columns (Bits 4-7)
0123456789
A
B
C
D
E
F
0
®
SP
0
@
P
ú
p
1˚
!
1
A
Q
a
q
2
1/2
"
2
B
R
b
r
3
¿#3
C
S
c
s
4™
$
4
D
T
d
t
5
¢%5
E
U
e
u
6£
&
6
F
V
f
v
7´
7
G
W
g
w
8à
(
8
H
X
h
x
9_
)
9
I
Y
i
y
Aè
á
:
J
Z
j
z
Bâ
+
;
K
[
k
ç
Cê
,
<
L
é
l
Dî
-
=
M
]
m
Ñ
Eô
.
>
N
í
n
ñ
F
û
/
?Oó
o
n
Table 24 Closed Caption Character Table
Special Characters are in column 8.
Additional table locations for normal characters
Table locations for normal characters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com