Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 96 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors TDA9554PS Datasheet HTML 95Page - NXP Semiconductors TDA9554PS Datasheet HTML 96Page - NXP Semiconductors TDA9554PS Datasheet HTML 97Page - NXP Semiconductors TDA9554PS Datasheet HTML 98Page - NXP Semiconductors TDA9554PS Datasheet HTML 99Page - NXP Semiconductors TDA9554PS Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 125 page
background image
2000 Jun 22
96
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Control part
SATURATION CONTROL; NOTE 32
C.1.1
saturation control range
63 steps; see Fig.33
52
−−
dB
CONTRAST CONTROL; NOTE 32
C.2.1
contrast control range
63 steps; see Fig.34
−
20
−
dB
C.2.2
tracking between the three
channels over a control range of
10 dB
−−
0.5
dB
C.2.6
contrast reduction
−
6
−
dB
BRIGHTNESS CONTROL
C.3.1
brightness control range
63 steps; see Fig.35
−±0.7
−
V
RGB AMPLIFIERS
C.4.1
output signal amplitude
(peak-to-peak value)
at nominal luminance input
signal, nominal settings for
contrast, white-point
adjustment and cathode drive
level(CL3-CL0 = 0111)
tbf
2.0
tbf
V
C.4.2
maximum signal amplitude
(black-to-white)
note 56
−
tbf
−
V
C.4.3
input signal amplitude
(CVBS/Y-input) at which the soft
clipping is activated
note 56
−
tbf
−
V
C.4.4
output signal amplitude for the
‘red’ channel (peak-to-peak
value)
at nominal settings for
contrast and saturation
control and no luminance
signal to the input (R
−Y, PAL)
tbf
2.1
tbf
V
C.4.5
nominal black level voltage
−
2.5
−
V
C.4.6
black level voltage
when black level stabilisation
is switched-off (via AKB bit)
−
2.5
−
V
C.4.61
black level voltage control range AVG bit active; note 57
1.8
2.5
3.2
V
C.4.71
timing of video blanking with
respect to mid sync (HBL = 1)
start of blanking; note 58
3.5
−
5.9
µs
C.4.72
end of blanking; note 58
7.8
−
10.2
µs
C.4.8
control range of the black-current
stabilisation
−±1
−
V
C.4.81
RGB output level when RGBL=1
−
tbf
−
V
C.4.9
blanking level
difference with black level,
note 56
−−0.5
−
V
C.4.10
level during leakage
measurement
−−0.1
−
V
C.4.11
level during ‘low’ measuring
pulse
−
0.25
−
V
C.4.12
level during ‘high’ measuring
pulse
−
0.5
−
V
C.4.13
adjustment range of the cathode
drive level
note 56
−±3
−
dB
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com