Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 49Page - NXP Semiconductors TDA9554PS Datasheet HTML 50Page - NXP Semiconductors TDA9554PS Datasheet HTML 51Page - NXP Semiconductors TDA9554PS Datasheet HTML 52Page - NXP Semiconductors TDA9554PS Datasheet HTML 53Page - NXP Semiconductors TDA9554PS Datasheet HTML 54Page - NXP Semiconductors TDA9554PS Datasheet HTML 55Page - NXP Semiconductors TDA9554PS Datasheet HTML 56Page - NXP Semiconductors TDA9554PS Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 125 page
background image
2000 Jun 22
53
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Display Positioning
The display consists of the Screen Colour covering the
whole screen and the Text Area that is placed within the
visible screen area. The screen colour extends over a
large vertical and horizontal range so that no offset is
needed. The text area is offset in both directions relative to
the vertical and horizontal sync pulses.
SCREEN COLOUR DISPLAY AREA
This area is covered by the screen colour. The screen
colour display area starts with a fixed offset of 8 us from
the leading edge of the horizontal sync pulse in the
horizontal direction. A vertical offset is not necessary.
TEXT DISPLAY AREA
The text area can be defined to start with an offset in both
the horizontal and vertical direction.
The horizontal offset is set in REG2: Text Area Start. The
offset is done in full width characters using TAS<5:0> and
quarter characters using HOP<1:0> for fine setting. The
ROW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
Soft Scroll Position
Pointer SSP<3:0> e.g. 6
Soft Scroll Height
SSH<3:0> e.g.4
Start Scroll Row
Stop Scroll Row
Usable for OSD Display
Should not be used for
Should not be used for
Usable for OSD Display
Soft Scrolling Area
OSD Display
OSD Display
STS<3:0> e.g. 3
SPS<3:0> e.g. 11
Fig.22 Soft Scroll Area
Closed Captioning data row n
Closed Captioning data row n+1
Closed Captioning data row n+2
Closed Captioning data row n+3
Closed Captioning data row n+4
ROW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
P01 NBC
0-63 lines
Visible area
for scrolling
Scroll Area
Offset
row1
row0
row2
row3
row4
row5
row6
row7
row8
row13
row14
Fig.23 CC Text Areas
Horizontal
starts 8 us after the leading edge of H-Sync for 56
us.
Vertical
line 9, field 1 (321, field 2) with respect to leading
edge of vertical sync (line numbering using 625
Standard).
Table 22 Screen Colour Display Area
Horizontal
Up to 48 full sized characters per row.
Start position setting from 3 to 64 characters from
the leading edge of H-Sync. Fine adjustment in
quarter characters.
Vertical
256 lines (nominal 41- 297).
Start position setting from leading edge of vertical
sync legal values are 4 to 64 lines.
(line numbering using 625 Standard)
Table 23 Text Display Area
Horizontal Sync.
Vertical
Text Area
Screen Colour Area
Text Area Start
56
µs
Sync.
0.25 char. offset
Text Area End
Screen Colour Offset = 8
µs
Text
Vertical
Offset
6 Lines
Offset
H-Sync delay
Fig.24 Display Area Positioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com