Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 43Page - NXP Semiconductors TDA9554PS Datasheet HTML 44Page - NXP Semiconductors TDA9554PS Datasheet HTML 45Page - NXP Semiconductors TDA9554PS Datasheet HTML 46Page - NXP Semiconductors TDA9554PS Datasheet HTML 47Page - NXP Semiconductors TDA9554PS Datasheet HTML 48Page - NXP Semiconductors TDA9554PS Datasheet HTML 49Page - NXP Semiconductors TDA9554PS Datasheet HTML 50Page - NXP Semiconductors TDA9554PS Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 125 page
background image
2000 Jun 22
47
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
pixel from scan line to scan line, thus achieving a checker
board display of the background colour and video.
TXT: There are two meshing attributes one that only
affects black background colours TXT4.BMESH and a
second that only affects backgrounds other than black
TXT4.CMESH. A black background is defined as CLUT
entry 8, a none black background is defined as CLUT entry
9-15.
CC: The setting of the Mesh bit in REG0:Display Control
has the effect of meshing any background colour.
Fig.17 Meshing and Meshing / Fringing (South+West)
CURSOR
The cursor operates by reversing the background and
foreground colours in the character position pointed to by
the active cursor position. The cursor is enabled using
TXT7.CURSOR ON. When active, the row the cursor
appears on is defined by TXT9.R<4:0> and the column is
defined by TXT10.C<5:0>. The position of the cursor can
be fixed using TXT9.CURSOR FREEZE.
CC: The valid range for row is 0 to 15. The valid range for
column is 0 to 47. The cursor remains rectangular at all
times, it’s shape is not affected by italic attribute, therefore
it is not advised to use the cursor with italic characters.
TXT: The valid range for row positioning is 0 to 24.The
valid range for column is 0 to 39.
SPECIAL GRAPHICS CHARACTERS
CC/TXT: Several special characters are provided for
improved OSD effects. These characters provide a choice
of 4 colours within a character cell. The total number of
special graphics characters is limited to 16. They are
stored in the character codes 8Xh and 9Xh of the character
table (32 ROM characters), or in the DRCs which overlay
character codes 8Xh and 9Xh. Each special graphics
character uses two consecutive normal characters.
Fringing, underline and overline is not possible for special
graphics characters. Special graphics characters are
activated when TXT21.OSD_PLANE = 1.
The example in Fig.19 can be done with 8 special graphics
characters.
If the screen colour is transparent (implicit in mixed mode)
and inside the object the box attribute is set, then the
object is surrounded by video. If the box attribute is not set
the background colour inside the object will also be
displayed as transparent.
A B C D E F
Fig.18 Cursor Display
Plane
10
Colour Allocation
0 0
Background Colour
0 1
Foreground Colour
1 0
CLUT entry 6
1 1
CLUT entry 7
Table 16 Special Character Colour allocation
VOLUME
Background Colour
Foreground Colour 7
Background Colour
Serial Attribute
“set at” (Mode 0)
Background Colour
“set after” (Mode 1)
Foreground Colour
Normal Character
Foreground Colour 6
Special Character
Fig.19 Special Character Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com