Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 77 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors TDA9554PS Datasheet HTML 78Page - NXP Semiconductors TDA9554PS Datasheet HTML 79Page - NXP Semiconductors TDA9554PS Datasheet HTML 80Page - NXP Semiconductors TDA9554PS Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 125 page
background image
2000 Jun 22
77
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 141 Indication tuner AGC
Table 142 Version indication
Table 143 AFC output
Table 144 Indication FM-PLL in/out window
Table 145 Indication FM-PLL in/out lock
Table 146 Signal-to-Noise ratio
AGC
CONDITION
0
tuner gain control active
1
no gain control of tuner
QSS
IC VERSION
0
version with intercarrier mono sound circuit
1
version with QSS-IF circuit
AFA
AFB
CONDITION
0
0
outside window; RF too low
0
1
outside window; RF too high
1
0
in window; below reference
1
1
in window; above reference
FMW
CONDITION
0
FM-PLL in window
1
FM-PLL out of window
FML
CONDITION
0
FM-PLL out of lock
1
FM-PLL locked
SN1
SN0
CONDITION
0
0
S/N
≤ 24 dB
0
1
S/N
≥ 24 dB and ≤ 27 dB
1
0
S/N
≥ 27 dB and ≤ 31 dB
1
1
S/N
≥ 31 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com