Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 18Page - NXP Semiconductors TDA9554PS Datasheet HTML 19Page - NXP Semiconductors TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors TDA9554PS Datasheet HTML 22Page - NXP Semiconductors TDA9554PS Datasheet HTML 23Page - NXP Semiconductors TDA9554PS Datasheet HTML 24Page - NXP Semiconductors TDA9554PS Datasheet HTML 25Page - NXP Semiconductors TDA9554PS Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 125 page
background image
2000 Jun 22
22
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
TR1
Timer 1 Run control bit. Set/Cleared by software to turn Timer/Counter on/off.
TF0
Timer 0 overflow Flag. Set by hardware on Timer/Counter overflow.Cleared by hardware when processor vectors to interrupt routine.
TR0
Timer 0 Run control bit. Set/Cleared by software to turn Timer/Counter on/off.
IE1
Interrupt 1 Edge flag (both edges generate flag). Set by hardware when external interrupt edge detected.Cleared by hardware when interrupt
processed.
IT1
Interrupt 1 Type control bit. Set/Cleared by Software to specify edge/low level triggered external interrupts.
IE0
Interrupt 0 Edge l flag. Set by hardware when external interrupt edge detected.Cleared by hardware when interrupt processed.
IT0
Interrupt 0 Type flag.Set/Cleared by Software to specify falling edge/low level triggered external interrupts.
TDACH
TPWE
1
TD<13>
TD<12>
TD<11>
TD<10>
TD<9>
TD<8>
40H
TPWE
0 - Disable Tuning Pulse Width Modulator.
1 - Enable Tuning Pulse Width Modulator.
TD<13:8>
Tuning Pulse Width Modulator High Byte.
TDACL
TD<7>
TD<6>
TD<5>
TD<4>
TD<3>
TD<2>
TD<1>
TD<0>
00H
TD<7:0>
Tuning Pulse Width Modulator Low Byte.
TH0
TH0<7>
TH0<6>
TH0<5>
TH0<4>
TH0<3>
TH0<2>
TH0<1>
TH0<0>
00H
TH0<7:0>
Timer 0 high byte.
TH1
TH1<7>
TH1<6>
TH1<5>
TH1<4>
TH1<3>
TH1<2>
TH1<1>
TH1<0>
00H
TH1<7:0>
Timer 1 high byte.
TL0
TL0<7>
TL0<6>
TL0<5>
TL0<4>
TL0<3>
TL0<2>
TL0<1>
TL0<0>
00H
TL0<7:0>
Timer 0 low byte.
TL1
TL1<7>
TL1<6>
TL1<5>
TL1<4>
TL1<3>
TL1<2>
TL1<1>
TL1<0>
00H
TL1<7:0>
Timer 1 low byte.
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00H
Timer / Counter 1
Timer / Counter 0
GATE
Gating Control Timer /Counter 1.
C/T
Counter/Timer 1 selector.
M1,M0
Mode control bits Timer/Counter 1.
M1,M0 = 00, 8 bit timer or 8 bit counter with divide by 32 pre-scaler.
M1,M0 = 01, 16 bit time interval or event counter.
M1,M0 = 10, 8 bit time interval or event counter with automatic reload upon overflow. Reload value stored in TH1.
M1,M0 = 11, stopped.
GATE
Gating control Timer/Counter 0.
C/T
Counter/Timer 0 selector.
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com