Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 23Page - NXP Semiconductors TDA9554PS Datasheet HTML 24Page - NXP Semiconductors TDA9554PS Datasheet HTML 25Page - NXP Semiconductors TDA9554PS Datasheet HTML 26Page - NXP Semiconductors TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors TDA9554PS Datasheet HTML 29Page - NXP Semiconductors TDA9554PS Datasheet HTML 30Page - NXP Semiconductors TDA9554PS Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 125 page
background image
2000 Jun 22
27
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
PKT 26
RECEIVED
0 - No packet 26 data has been processed
1 - Packet 26 data has been processed.
Note: This flag is set by Hardware and must be reset by Software
WSS RECEIVED
0 - No Wide Screen Signalling data has been processed
1 - Wide Screen signalling data has been processed
Note: This flag is set by Hardware and must be reset by Software.
WSS ON
0 - Disable acquisition of WSS data.
1 - Enable acquisition of WSS data.
TXT9
CURSOR
FREEZE
CLEAR
MEMORY
A0
R<4>
R<3>
R<2>
R<1>
R<0>
00H
CURSOR
FREEZE
0 - Use current TXT9 and TXT10 values for cursor position.
1 - Lock cursor at current position
CLEAR
MEMORY
0 -
1 - Clear memory block pointed to by TXT15
Note: This flag is set by Software and reset by Hardware
A0
0 - Access memory block pointed to by TXT15
1 - Access extension packet memory
R<4:0>
Current memory ROW value.
Note: Valid range TXT mode 0 to 24, CC mode 0 to 15
TXT10
0
0
C<5>
C<4>
C<3>
C<2>
C<1>
C<0>
00H
C<5:0>
Current memory COLUMN value.
Note: Valid range TXT mode 0 to 39, CC mode 0 to 47
TXT11
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
00H
D<7:0>
Data value written or read from memory location defined by TXT9, TXT10 and TXT15
TXT12
625/525
SYNC
ROM
VER<4>
ROM
VER<3>
ROM
VER<2>
ROM
VER<1>
ROM
VER<0>
1
VIDEO
SIGNAL
QUALITY
xxxxxx1xB
625/525 SYNC
0 - 625 line CVBS signal is being received
1 - 525 line CVBS signal is being received
ROM VER<4:0>
Mask programmable identification for character set
Rom Version <4> :
0 - Spanish Flicker Stopper Disabled.
1 - Spanish Flicker Stopper Enabled (Controlled by TXT8 Bit-6).
1
Reserved
VIDEO SIGNAL
QUALITY
0 - Acquisition can not be synchronised to CVBS input.
1 - Acquisition can be synchronised to CVBS
TXT13
VPS
RECEIVED
PAGE
CLEARING
525
DISPLAY
525 TEXT
625 TEXT
PKT 8/30
FASTEXT
0
xxxxxxx0B
VPS RECEIVED
0 -
1 - VPS data
PAGE
CLEARING
0 - No page clearing active
1 - Software or Power On page clear in progress
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com