Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 86 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 82Page - NXP Semiconductors TDA9554PS Datasheet HTML 83Page - NXP Semiconductors TDA9554PS Datasheet HTML 84Page - NXP Semiconductors TDA9554PS Datasheet HTML 85Page - NXP Semiconductors TDA9554PS Datasheet HTML 86Page - NXP Semiconductors TDA9554PS Datasheet HTML 87Page - NXP Semiconductors TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 125 page
background image
2000 Jun 22
86
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
AM SOUND OUTPUT; DEPENDING ON SETTING OF CMB0/CMB1 AND AM BITS
Q.3.1
AF output signal amplitude
(RMS value)
54% modulation
400
500
600
mV
Q.3.2
total harmonic distortion
54% modulation
−
0.5
1.0
%
Q.3.21
total harmonic distortion
80% modulation
−
tbf
5.0
%
Q.3.3
AF bandwidth
−3 dB
100
125
−
kHz
Q.3.4
weighted signal-to-noise ratio
47
53
−
dB
Q.3.5
DC output voltage
−
tbf
−
V
Q.3.6
power supply ripple rejection
−
tbf
−
dB
FM demodulator and audio amplifier
FM-PLL DEMODULATOR; NOTE 19
G.1.1
IF intercarrier level at IF video
output (RMS value) for lock-in of
PLL
−−
tbf
mV
G.1.2
gain control range AGC amplifier
26
30
−
dB
G.1.3
catching range PLL
note 20
−±225
−
kHz
G.1.4
maximum phase detector output
current
−±100
−µA
G.1.5
VCO steepness
∆f
FM/∆VC (K0)
−
3.3
−
MHz/V
G.1.6
phase detector steepness
∆I
C/∆ϕVFM (KD)
−
9
−µA/rad
G.1.7
AM rejection
note 21
40
46
−
dB
EXTERNAL SOUND IF INPUT (SNDIF, WHEN SELECTED)
G.1.8
input limiting for lock-in of PLL
(RMS value)
−
12
mV
G.1.9
input resistance
note 3
−
8.5
−
k
Ω
G.1.10
input capacitance
note 3
−−
5pF
DE-EMPHASIS OUTPUT; NOTE 23
G.2.1
output signal amplitude (RMS
value)
note 20
−
500
−
mV
G.2.2
output resistance
−
15
−
k
Ω
G.2.3
DC output voltage
−
3
−
V
AUDIO INPUT VIA DEEMPHASIS OUTPUT; NOTE 23
G.2.4
input signal amplitude (RMS
value)
−
500
−
mV
G.2.5
input resistance
−
15
−
k
Ω
G.2.6
voltage gain between input and
output
maximum volume
−
9
−
dB
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com