Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 32Page - NXP Semiconductors TDA9554PS Datasheet HTML 33Page - NXP Semiconductors TDA9554PS Datasheet HTML 34Page - NXP Semiconductors TDA9554PS Datasheet HTML 35Page - NXP Semiconductors TDA9554PS Datasheet HTML 36Page - NXP Semiconductors TDA9554PS Datasheet HTML 37Page - NXP Semiconductors TDA9554PS Datasheet HTML 38Page - NXP Semiconductors TDA9554PS Datasheet HTML 39Page - NXP Semiconductors TDA9554PS Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 125 page
background image
2000 Jun 22
36
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
SFR and also writing a ‘1’ to the Port bit that the function
occupies.
PWM PULSE WIDTH MODULATORS
The device has four 6-bit Pulse Width Modulated (PWM)
outputs for analogue control of e.g. volume, balance, bass,
treble, brightness, contrast, hue and saturation. The PWM
outputs generate pulse patterns with a repetition rate of
21.33us, with the high time equal to the PWM SFR value
multiplied by 0.33us. The analogue value is determined by
the ratio of the high time to the repetition time, a D.C.
voltage proportional to the PWM setting is obtained by
means of an external integration network (low pass filter).
PWM Control
The relevant PWM is enabled by setting the PWM enable
bit PWxE in the PWMx Control register. The high time is
defined by the value PWxV<5:0>
TPWM TUNING PULSE WIDTH MODULATOR
The device has a single 14-bit PWM that can be used for
Voltage Synthesis Tuning. The method of operation is
similar to the normal PWM except the repetition period is
42.66us.
TPWM Control
Two SFRs are used to control the TPWM, they are TDACL
and TDACH. The TPWM is enabled by setting the TPWE
bit in the TDACH SFR. The most significant bits TD<13:7>
alter the high period between 0 and 42.33us. The 7 least
significant bits TD<6:0> extend certain pulses by a further
0.33us. e.g. if TD<6:0> = 01H then 1 in 128 periods will be
extended by 0.33us, if TD<6:0>=02H then 2 in 128 periods
will be extended.
The TPWM will not start to output a new value until TDACH
has been written to. Therefore, if the value is to be
changed, TACL should be written before TDACH.
SAD SOFTWARE A/D
Four successive approximation Analogue to Digital
Converters can be implemented in software by making use
of the on board 8-bit Digital to Analogue Converter and
Analogue Comparator.
SAD Control
The control of the required analogue input is done using
the channel select bits CH<1:0> in the SAD SFR, this
selects the required analogue input to be passed to one of
the inputs of the comparator. The second comparator input
is generated by the DAC whose value is set by the bits
SAD<7:0> in the SAD and SADB SFRs. A comparison
between the two inputs is made when the start compare bit
ST in the SAD SFR is set, this must be at least one
instruction cycle after the SAD<7:0> value has been set.
The result of the comparison is given on VHI one
instruction cycle after the setting of ST.
SAD Input Voltage
The external analogue voltage that is used for comparison
with the internally generated DAC voltage does not have
the same voltage range. The DAC has a lower reference
level of VSSA and an upper reference level of VSSA. The
resolution of the DAC voltage with a nominal value is
3.3/256 ~ 13mV. The external analogue voltage has a
lower value equivalent to VSSA and an upper value
equivalent to VDDP -Vtn, were Vtn is the threshold voltage
for an NMOS transistor. The reason for this is that the input
pins for the analogue signals (P3.0 to P3.3) are 5V tolerant
for normal port operations, i.e. when not used as analogue
input. To protect the analogue multiplexer and comparator
circuitry from the 5V, a series transistor is used to limit the
voltage. This limiting introduces a voltage drop equivalent
to Vtn (~0.6V) on the input voltage. Therefore, for an input
voltage in the range VDDP to VDDp-Vtn the SAD returns the
same comparison value.
SAD DC Comparator Mode
The SAD module incorporates a DC Comparator mode
which is selected using the ’DC_COMP’ control bit in the
SADB SFR. This mode enables the micro-controller to
detect a threshold crossing at the input to the selected
analogue input pin (P3.0, P3.1, P3.2 or P3.3) of the
Software A/D Converter. A level sensitive interrupt is
generated when the analogue input voltage level at the pin
falls below the analogue output level of the SAD D/A
converter.
This mode is intended to provide the device with a
wake-up mechanism from Power-Down or Idle when a
key-press on the front panel of the TV is detected.
+
-
VHI
MUX
4-1
8-bit
DAC
SAD<7:0>
ADC0
ADC1
ADC2
ADC3
CH<1:0>
VDDP
Fig.13 SAD Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com