Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 64 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 60Page - NXP Semiconductors TDA9554PS Datasheet HTML 61Page - NXP Semiconductors TDA9554PS Datasheet HTML 62Page - NXP Semiconductors TDA9554PS Datasheet HTML 63Page - NXP Semiconductors TDA9554PS Datasheet HTML 64Page - NXP Semiconductors TDA9554PS Datasheet HTML 65Page - NXP Semiconductors TDA9554PS Datasheet HTML 66Page - NXP Semiconductors TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 125 page
background image
2000 Jun 22
64
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
It is possible to use the deemphasis pin as additional audio
input. In that case the internal signal must, of course, be
switched off. This can be realised by means of the sound
mute bit (SM in subaddress 29H). When the IF circuit is
switched to positive modulation the internal signal on the
deemphasis pin is automatically muted.
CVBS and Y/C input signal selection
The circuit has 2 inputs for external CVBS signals and one
input can also be used as one Y/C input (see Fig. 27).
It is possible to supply the selected CVBS signal to the
demodulated IF video output pin. This mode is selected by
means of the SVO bit in subaddress 22H. The vision IF
amplifier is switched off in this mode.
The video ident circuit can be connected to the incoming
‘internal’ video signal or to the selected signal. This ident
circuit is independent of the synchronisation and can be
used to switch the time-constant of the horizontal PLL
depending on the presence of a video signal (via the VID
bit). In this way a very stable OSD can be realised.
The subcarrier output is combined with a 3-level output
switch (0 V, 2.3 V and 4.5 V). The output level and the
availability of the subcarrier signal is controlled by the
CMB1 and CMB0 bits. The output can be used to switch
sound traps etc. It is also possible to use this pin for the
connection of the AVL capacitor or as AM output.
TO LUMA/SYNC PROCESSING
TO CHROMA PROCESSING
CVBS2/Y
CVBS1
VIM
VIDEO IDENT
IDENT
Fig.27 CVBS switch and interfacing of video ident
C
(+)
IFVO
IFVO/SVO
SVO
Synchronisation circuit
The IC contains separator circuits for the horizontal and
vertical sync pulses and a data-slicing circuit which
extracts the digital teletext data from the analog signal.
The horizontal drive signal is obtained from an internal
VCO which is running at a frequency of 25 MHz. This
oscillator is stabilised to this frequency by using a 12 MHz
signal coming from the reference oscillator of the
µ-Controller/Teletext decoder.
The horizontal drive is switched on and off via the soft
start/stop procedure. This function is realised by means of
variation of the TON of the horizontal drive pulses. In
addition the horizontal drive circuit has a ‘low-power
start-up’ function.
The vertical synchronisation is realised by means of a
divider circuit. The vertical ramp generator needs an
external resistor and capacitor. For the vertical drive a
differential output current is available. The outputs must be
DC coupled to the vertical output stage.
In the types which are intended for 90
° picture tubes the
following geometry parameters can be adjusted:
• Horizontal shift
• Vertical amplitude
• Vertical slope
• S-correction
• Vertical shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com