Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 92 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors TDA9554PS Datasheet HTML 95Page - NXP Semiconductors TDA9554PS Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 125 page
background image
2000 Jun 22
92
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
HORIZONTAL OUTPUT; NOTE 46
H.5.1
LOW level output voltage
IO =10mA
−−
0.3
V
H.5.2
maximum allowed output current
10
−−
mA
H.5.3
maximum allowed output voltage
−−
VP
V
H.5.4
duty factor
VOUT = LOW (TON)
−
55
−
%
H.5.5
switch-on time of horizontal drive
pulse
−
1175
−
ms
H.5.6
switch-off time of horizontal drive
pulse
−
43
−
ms
FLYBACK PULSE INPUT AND SANDCASTLE OUTPUT
H.6.1
required input current during
flyback pulse
note 3
100
−
300
µA
H.6.2
output voltage
during burst key
4.8
5.3
5.8
V
during blanking
2.3
2.5
2.7
V
H.6.3
clamped input voltage during
flyback
2.6
3.0
3.4
V
H.6.4
pulse width
burst key pulse
3.3
3.5
3.7
µs
H.6.5
vertical blanking, note 47
−
14/9.5
−
lines
H.6.6
delay of start of burst key to start
of sync
4.6
4.8
5.0
µs
VERTICAL OSCILLATOR; NOTE 48
H.7.1
free running frequency
−
50/60
−
Hz
H.7.2
locking range
45
−
64.5/72 Hz
H.7.3
divider value not locked
−
625/525
−
lines
H.7.4
locking range
434/488
−
722
lines/
frame
VERTICAL RAMP GENERATOR
H.8.1
sawtooth amplitude
(peak-to-peak value)
VS = 1FH;
C = 100 nF; R = 39 k
Ω
−
3.0
−
V
H.8.2
discharge current
−
1
−
mA
H.8.3
charge current set by external
resistor
note 49
−
16
−µA
H.8.4
vertical slope
63 steps; see Fig. 51
−20
−
+20
%
H.8.5
charge current increase
f = 60 Hz
−
19
−
%
H.8.6
LOW level of ramp
−
2.3
−
V
VERTICAL DRIVE OUTPUTS
H.9.1
differential output current
(peak-to-peak value)
VA = 1FH
−
0.95
−
mA
H.9.2
common mode current
−
400
−µA
H.9.3
output voltage range
0
−
4.0
V
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com