Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 73 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 125 page
background image
2000 Jun 22
73
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 93
PLL demodulator frequency adjust
Table 94
Video mute
Table 95
Modulation standard
Table 96
AFC window
Table 97
IF sensitivity
Table 98
Search tuning mode
Table 99
Selection external input for sound IF circuit
Table 100Calibration of IF PLL demodulator
Table 101AM/FM operation (QSS versions);
Table 102IF AGC speed
Table 103 Fast filter IF-PLL
Table 104 Gain FM demodulator
Table 105Sound mute
Note
1. The mute is activated when the digital acquisition help
is out-of-window.
Table 106Window selection of Narrow-band sound PLL
IFE
IFA
IFB
IFC
IF FREQUENCY
0000
58.75 MHz
0001
45.75 MHz
0010
38.90 MHz
0011
38.00 MHz
0100
33.40 MHz
0110
33.90 MHz
0101
42.00 MHz
0111
48.00 MHz
1
X
X
X
external reference carrier
VSW
STATE
0
normal operation
1
IF-video signal switched off
MOD
MODULATION
0
negative
1
positive
AFW
AFC WINDOW
0
normal
1
enlarged
IFS
IF SENSITIVITY
0
normal
1
reduced
STM
MODE
0
normal operation
1
reduced sensitivity of video indent circuit
SIF
MODE
0
IF input not selected
1
IF input selected (see also table 1)
IFLH
MODE
0
calibration system active
1
calibration system not active
AMFM
CONDITION
0
normal operation
1
FM demodulator activated
AGC1
AGC0
AGC SPEED
0
0
0.7
× norm
0
1
norm
10
3
× norm
11
6
× norm
FFI
CONDITION
0
normal time constant
1
increased time constant
AGN
MODE
0
normal operation
1
gain +6 dB, to be used for the demodulation of
mono signals in the NTSC system
SM1
SM0
CONDITION
0
1
see note 1
1
0
mute on
1
1
mute off
FMWS
FUNCTION
0
small window
1
large window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com