Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 65 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 61Page - NXP Semiconductors TDA9554PS Datasheet HTML 62Page - NXP Semiconductors TDA9554PS Datasheet HTML 63Page - NXP Semiconductors TDA9554PS Datasheet HTML 64Page - NXP Semiconductors TDA9554PS Datasheet HTML 65Page - NXP Semiconductors TDA9554PS Datasheet HTML 66Page - NXP Semiconductors TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 125 page
background image
2000 Jun 22
65
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
The types which are intended to be used in combination
with 110
° picture tubes have an East-West control circuit
in stead of the AVL function. The additional controls for
these types are:
• EW width
• EW parabola width
• EW upper and lower corner parabola correction
• EW trapezium correction
• Vertical zoom
• horizontal parallelogram and bow correction.
When the vertical amplitude is compressed (zoom
factor <1) it is still possible to display the black current
measuring lines in the overscan. This function is activated
by means of the bit OSVE in subaddress 26H.
Chroma, luminance and feature processing
The chroma band-pass and trap circuits (including the
SECAM cloche filter) are realised by means of gyrators
and are tuned to the right frequency by comparing the
tuning frequency with the reference frequency of the
colour decoder. The luminance delay line and the delay
cells for the peaking circuit are also realised with gyrators.
The circuit contains the following picture improvement
features:
• Video dependent coring in the peaking circuit. The
coring can be activated only in the low-light parts of the
screen. This effectively reduces noise while having
maximum peaking in the bright parts of the picture.
• Black stretch. This function corrects the black level for
incoming signals which have a difference between the
black level and the blanking level.
• Blue-stretch. This circuit is intended to shift colour near
‘white’ with sufficient contrast values towards more blue
to obtain a brighter impression of the picture.
• Dynamic skin tone (flesh) control. This function is
realised in the YUV domain by detecting the colours
near to the skin tone.
Colour decoder
The ICs can decode PAL, NTSC and SECAM signals. The
PAL/NTSC decoder does not need external reference
crystals but has an internal clock generator which is
stabilised to the required frequency by using the 12 MHz
clock signal from the reference oscillator of the
µ-Controller/Teletext decoder.
Under bad-signal conditions (e.g. VCR-playback in feature
mode), it may occur that the colour killer is activated
although the colour PLL is still in lock. When this killing
action is not wanted it is possible to overrule the colour
killer by forcing the colour decoder to the required standard
and to activate the FCO-bit (Forced Colour On) in
subaddress 21H.
The Automatic Colour Limiting (ACL) circuit (switchable
via the ACL bit in subaddress 20H) prevents that
oversaturation occurs when signals with a high
chroma-to-burst ratio are received. The ACL circuit is
designed such that it only reduces the chroma signal and
not the burst signal. This has the advantage that the colour
sensitivity is not affected by this function.
The SECAM decoder contains an auto-calibrating PLL
demodulator which has two references, viz: the divided 12
MHz reference frequency (obtained from the
µ-Controller)
which is used to tune the PLL to the desired free-running
frequency and the bandgap reference to obtain the correct
absolute value of the output signal. The VCO of the PLL is
calibrated during each vertical blanking period, when the
IC is in search or SECAM mode.
The base-band delay line (TDA 4665 function) is
integrated. This delay line is also active during NTSC to
obtain a good suppression of cross colour effects. The
demodulated colour difference signals are internally
supplied to the delay line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com