| Electronic Components Datasheet Search |
|
TDA9554PS Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9554PS Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 125 page ![]() 2000 Jun 22 25 Philips Semiconductors Tentative Device Specification TV signal processor-Teletext decoder with embedded µ-Controller TDA955X/6X/8X PS/N1 series TXT4 OSD BANK ENABLE QUAD WIDTH ENABLE EAST/WEST DISABLE DBL HEIGHT B MESH ENABLE C MESH ENABLE TRANS ENABLE SHADOW ENABLE 00H OSD BANK ENABLE 0 - Only alpha numeric OSD characters available, 32 locations 1 - Alternate OSD location available via graphic attribute, additional 32 location QUAD WIDTH ENABLE 0 - Disable display of Quadruple width characters 1 - Enable display of Quadruple width characters EAST/WEST 0 - Western language selection of character codes A0 to FF 1 - Eastern character selection of character codes A0 to FF DISABLE DOUBLE HEIGHT 0 - Allow normal decoding of double height characters 1 - Disable normal decoding of double height characters B MESH ENABLE 0 - Normal display of black background 1 - Enable meshing of black background C MESH ENABLE 0 - normal display of coloured background 1 - Enable meshing of coloured background TRANS ENABLE 0 - Display black background as normal 1 - Display black background as video SHADOW ENABLE 0 - Disable display of shadow/fringing 1 - Display shadow/ fringe (default SE black) TXT5 BKGND OUT BKGND IN COR OUT COR IN TEXT OUT TEXT IN PICTURE ON OUT PICTURE ON IN 03H BKGND OUT 0 - Background colour not displayed outside teletext boxes 1 - Background colour displayed outside teletext boxes BKGND IN 0 - Background colour not displayed inside teletext boxes 1 - Background colour displayed inside teletext boxes COR OUT 0 - COR not active outside teletext and OSD boxes 1 - COR active outside teletext and OSD boxes COR IN 0 - COR not active inside teletext and OSD boxes 1 - COR active inside teletext and OSD boxes TEXT OUT 0 - TEXT not displayed outside teletext boxes 1 - TEXT displayed outside teletext boxes TEXT IN 0 - TEXT not displayed inside teletext boxes 1 - TEXT displayed inside teletext boxes PICTURE ON OUT 0 - VIDEO not displayed outside teletext boxes 1 - VIDEO displayed outside teletext boxes PICTURE ON IN 0 - VIDEO not displayed inside teletext boxes 1 - VIDEO displayed inside teletext boxes TXT6 BKGND OUT BKGND IN COR OUT COR IN TEXT OUT TEXT IN PICTURE ON OUT PICTURE ON IN 03H BKGND OUT 0 - Background colour not displayed outside teletext boxes 1 - Background colour displayed outside teletext boxes Names BIT7 BIT6 BIT5 BIT4 BIT3 BIT2 BIT1 BIT0 RESET Table 3 SFR Bit description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |