Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 82 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 78Page - NXP Semiconductors TDA9554PS Datasheet HTML 79Page - NXP Semiconductors TDA9554PS Datasheet HTML 80Page - NXP Semiconductors TDA9554PS Datasheet HTML 81Page - NXP Semiconductors TDA9554PS Datasheet HTML 82Page - NXP Semiconductors TDA9554PS Datasheet HTML 83Page - NXP Semiconductors TDA9554PS Datasheet HTML 84Page - NXP Semiconductors TDA9554PS Datasheet HTML 85Page - NXP Semiconductors TDA9554PS Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 125 page
background image
2000 Jun 22
82
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
CHARACTERISTICS OF TV-PROCESSORS
VP =5V; Tamb =25 °C; unless otherwise specified.
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
MAIN SUPPLY; NOTE 1
V.1.1
supply voltage
7.2
8.0
8.4
V
V.1.2
total supply current
−
tbf
−
mA
V.1.4
total power dissipation
−
tbf
−
mW
IF circuit
VISION IF AMPLIFIER INPUTS
input sensitivity (RMS value)
note 2
M.1.1
fi = 38.90 MHz
−
35
100
µV
M.1.2
fi = 45.75 MHz
−
35
100
µV
M.1.3
fi = 58.75 MHz
−
35
100
µV
M.1.4
input resistance (differential)
note 3
−
2
−
k
Ω
M.1.5
input capacitance (differential)
note 3
−
3
−
pF
M.1.6
gain control range
64
−−
dB
M.1.7
maximum input signal
(RMS value)
150
−−
mV
PLL DEMODULATOR; NOTES 4 AND 5
M.2.1
Free-running frequency of VCO
PLL not locked, deviation
from nominal setting
−500
−
+500
kHz
M.2.2
Catching range PLL
without SAW filter
−±1
−
MHz
M.2.3
delay time of identification
via LOCK bit
−−
20
ms
VIDEO AMPLIFIER OUTPUT; NOTES 7 AND 8
M.3.1
zero signal output level
negative modulation; note 9
−
4.7
−
V
M.3.2
positive modulation; note 9
−
2.0
−
V
M.3.3
top sync level
negative modulation
1.9
2.0
2.1
V
M.3.4
white level
positive modulation
−
4.5
−
V
M.3.5
difference in amplitude between
negative and positive modulation
−
015
%
M.3.6
video output impedance
−
50
−Ω
M.3.7
internal bias current of NPN
emitter follower output transistor
1.0
−−
mA
M.3.8
maximum source current
−−
5mA
M.3.9
bandwidth of demodulated
output signal
at
−3dB
6
9
−
MHz
M.3.10
differential gain
note 10
−
25
%
M.3.11
differential phase
notes 10 and 6
−−
5
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com