Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 75 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors TDA9554PS Datasheet HTML 78Page - NXP Semiconductors TDA9554PS Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 125 page
background image
2000 Jun 22
75
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 117Audio signal selection
Table 118FM radio function enabled
Table 119Auto Volume Levelling
Table 120Mode of Quasi Split Sound amplifier
Table 121Connection of output of QSS amplifier
Table 122Video dependent coring (peaking)
Table 123Dynamic skin control on/off
Table 124 Blue stretch
Table 125 Black stretch
Table 126 Ratio pre- and overshoot
ADX
SELECTED SIGNAL
0
internal audio signal
1
external audio signal
FMR
MODE
0
TV mode
1
FM radio mode
AVL
MODE
0
not active
1
active
QSS
MODE
0
QSS amplifier not active, input of sound PLL
connected to vision IF amplifier output
1
QSS amplifier active, output connected to
QSSO or to input sound PLL (via FMI bit)
FMI
MODE
0
output connected to QSSO output
1
output connected to sound PLL circuit
COR1
COR0
SETTING
0
0
off
0
1
coring active between 0 and 20 IRE
1
0
coring active between 0 and 40 IRE
1
1
coring active between 0 and 100 IRE
DSK
MODE
0
off
1on
BLS
BLUE STRETCH MODE
0
off
1on
BKS
BLACK STRETCH MODE
0
off
1on
RPO1
RPO0
RATIO PRE-/OVERSHOOT
0
0
1:1
0
1
1 : 1.25
1
0
1 : 1.5
1
1
1 : 1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com