Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 13Page - NXP Semiconductors TDA9554PS Datasheet HTML 14Page - NXP Semiconductors TDA9554PS Datasheet HTML 15Page - NXP Semiconductors TDA9554PS Datasheet HTML 16Page - NXP Semiconductors TDA9554PS Datasheet HTML 17Page - NXP Semiconductors TDA9554PS Datasheet HTML 18Page - NXP Semiconductors TDA9554PS Datasheet HTML 19Page - NXP Semiconductors TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 125 page
background image
2000 Jun 22
17
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
A description of each of the SFR bits is shown in Table 3, The SFRs are in alphabetical order.
E7H
R
CCDAT2
CCD2<7>
CCD2<6>
CCD2<5>
CCD2<4>
CCD2<3>
CCD2<2>
CCD2<1>
CCD2<0>
E8H
R/W
SAD
VHI
CH<1>
CH<0>
ST
SAD<7>
SAD<6>
SAD<5>
SAD<4>
F0H
R/W
B
B<7>
B<6>
B<5>
B<4>
B<3>
B<2>
B<1>
B<0>
F8H
R/W
TXT13
VPS
RECEIVED
PAGE
CLEARING
525
DISPLAY
525 TEXT
625 TEXT
PKT 8/30
FASTEXT
0
FAH
R/W
XRAMP
XRAMP<7>
XRAMP<6>
XRAMP<5>
XRAMP<4>
XRAMP<3>
XRAMP<2>
XRAMP<1>
XRAMP<0>
FBH
R/W
ROMBK
STANDBY
IIC_LUT<1>
IIC_LUT<0>
0
0
0
ROMBK<1>
ROMBK<0>
FDH
R
TEST
TEST<7>
TEST<6>
TEST<5>
TEST<4>
TEST<3>
TEST<2>
TEST<1>
TEST<0>
FEH
W
WDTKEY
WKEY<7>
WKEY<6>
WKEY<5>
WKEY<4>
WKEY<3>
WKEY<2>
WKEY<1>
WKEY<0>
FFH
R/W
WDT
WDV<7>
WDV<6>
WDV<5>
WDV<4>
WDV<3>
WDV<2>
WDV<1>
WDV<0>
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
ACC
ACC<7>
ACC<6>
ACC<5>
ACC<4>
ACC<3>
ACC<2>
ACC<1>
ACC<0>
00H
ACC<7:0>
Accumulator value.
B
B<7>
B<6>
B<5>
B<4>
B<3>
B<2>
B<1>
B<0>
00H
B<7:0>
B Register value.
CCDAT1
CCD1<7>
CCD1<6>
CCD1<5>
CCD1<4>
CCD1<3>
CCD1<2>
CCD1<1>
CCD1<0>
00H
CCD1<7:0>
Closed Caption first data byte.
CCDAT2
CCD2<7>
CCD2<6>
CCD2<5>
CCD2<4>
CCD2<3>
CCD2<2>
CCD2<1>
CCD2<0>
00H
CCD2<7:0>
Closed Caption second data byte.
CCLIN
0
0
0
CS<4>
CS<3>
CS<2>
CS<1>
CS<0>
15H
CS<4:0>
Closed Caption Slice line using 525 line number.
DPH
DPH<7>
DPH<6>
DPH<5>
DPH<4>
DPH<3>
DPH<2>
DPH<1>
DPH<0>
00H
DPH<7:0>
Data Pointer High byte, used with DPL to address display and auxiliary memory.
DPL
DPL<7>
DPL<6>
DPL<5>
DPL<4>
DPL<3>
DPL<2>
DPL<1>
DPL<0>
00H
DPL<7:0>
Data pointer low byte, used with DPH to address display and auxiliary memory.
IE
EA
EBUSY
ES2
ECC
ET1
EX1
ET0
EX0
00H
EA
Disable all interrupts (0), or use individual interrupt enable bits (1).
EBUSY
Enable BUSY Interrupt.
ES2
Enable I2C Interrupt.
ECC
Enable Closed Caption Interrupt.
Table 3
SFR Bit description
ADD
R/W
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
Table 2
SFR Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com