Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 67 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 63Page - NXP Semiconductors TDA9554PS Datasheet HTML 64Page - NXP Semiconductors TDA9554PS Datasheet HTML 65Page - NXP Semiconductors TDA9554PS Datasheet HTML 66Page - NXP Semiconductors TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 125 page
background image
2000 Jun 22
67
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
DESCRIPTION OF THE I2C-BUS SUBADDRESSES
Table 33
Inputs TV-processor
Note
1. These functions are only available in versions which have the East-West drive output.
2. The AVL function is only available in versions which have no East-West output or when the subcarrier output is used for
the connection of the AVL capacitor (via the bits CMB1 and CMB0 in subaddress 22H).
3. Only available in types with QSS sound IF circuit and AM demodulator.
FUNCTION
SUBADDR
(HEX)
DATA BYTE
POR
D7
D6
D5
D4
D3
D2
D1
D0
Value
Timing of ‘wide blanking’
03
WBF3
WBF2
WBF1
WBF0
WBR3 WBR2 WBR1 WBR0
88
Peak white limiting
04
0
0
SOC1
SOC0
A3
A2
A1
A0
08
Off-set IF demodulator
05
0
0
A5
A4
A3
A2
A1
A0
20
Horizontal parallelogram
06
0
0
A5
A4
A3
A2
A1
A0
20
Horizontal bow
07
0
0
A5
A4
A3
A2
A1
A0
20
Hue
08
0
0
A5
A4
A3
A2
A1
A0
00
Horizontal shift (HS)
09
0
0
A5
A4
A3
A2
A1
A0
20
EW width (EW) (1)
0A
0
0
A5
A4
A3
A2
A1
A0
20
EW parabola/width (PW) (1)
0B
0
0
A5
A4
A3
A2
A1
A0
20
EW upper corner parabola(1)
0C
0
0
A5
A4
A3
A2
A1
A0
20
EW lower corner parabola(1)
0D
0
0
A5
A4
A3
A2
A1
A0
20
EW trapezium (TC) (1)
0E
0
0
A5
A4
A3
A2
A1
A0
20
Vertical slope (VS)
0F
0
0
A5
A4
A3
A2
A1
A0
20
Vertical amplitude (VA)
10
0
0
A5
A4
A3
A2
A1
A0
20
S-correction (SC)
11
0
0
A5
A4
A3
A2
A1
A0
20
Vertical shift (VSH)
12
0
0
A5
A4
A3
A2
A1
A0
20
Vertical zoom (VX) (1)
13
0
0
A5
A4
A3
A2
A1
A0
20
Black level offset R
14
0
0
A5
A4
A3
A2
A1
A0
20
Black level offset G
15
0
0
A5
A4
A3
A2
A1
A0
20
White point R
16
0
0
A5
A4
A3
A2
A1
A0
20
White point G
17
0
0
A5
A4
A3
A2
A1
A0
20
White point B
18
0
0
A5
A4
A3
A2
A1
A0
20
Peaking
19
PF1
PF0
A5
A4
A3
A2
A1
A0
20
Luminance delay time
1A
0
0
0
0
YD3
YD2
YD1
YD0
00
Brightness
1B
0
0
A5
A4
A3
A2
A1
A0
20
Saturation
1C
0
0
A5
A4
A3
A2
A1
A0
20
Contrast
1D
0
0
A5
A4
A3
A2
A1
A0
20
AGC take-over
1E
0
0
A5
A4
A3
A2
A1
A0
20
Volume control
1F
0
0
A5
A4
A3
A2
A1
A0
20
Colour decoder 0
20
CM3
CM2
CM1
CM0
MAT
MUS
ACL
CB
00
Colour decoder 1
21
0
0
0
0
0
0
BPS
FCO
00
AV-switch 0
22
0
0
SVO
CMB1
CMB0
INA
INB
INC
00
AV-switch 1
23
0
0
0
0
0
E2D
0
RGBL
00
Synchronisation 0
24
0
HP2
FOA
FOB
POC
STB
VIM
VID
00
Synchronisation 1
25
0
0
FSL
OSO
FORF
FORS
DL
NCIN
00
Deflection
26
OSVE
AFN
DFL
XDT
SBL
AVG
EVG
HCO(1)
00
Vision IF 0
27
IFA
IFB
IFC
VSW
MOD
AFW
IFS
STM
00
Vision IF 1
28
SIF
IFE
AGCM
IFLH
AMFM AGC1
AGC0
FFI
00
Sound 0
29
AGN
SM1
FMWS
AM(3)
SM0
FMC
FMB
FMA
00
Control 0
2A
0
IE2
RBL
AKB
CL3
CL2
CL1
CL0
00
Control 1
2B
0
0
0
SOY
0
YUV1
YUV0
HBL(1)
00
Sound 1
2C
FMD
0
ADX
0
FMR
AVL(2)
QSS
FMI
00
Features 0
2D
0
0
COR1
COR0
DSK
0
BLS
BKS
00
Features 1
2E
0
0
RPO1
RPO0
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com