| Electronic Components Datasheet Search |
|
TDA9554PS Datasheet(PDF) 48 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA9554PS Datasheet(HTML) 48 Page - NXP Semiconductors |
|
48 / 125 page ![]() 2000 Jun 22 48 Philips Semiconductors Tentative Device Specification TV signal processor-Teletext decoder with embedded µ-Controller TDA955X/6X/8X PS/N1 series Character and Attribute Coding CC MODE Character coding is split into character oriented attributes (parallel) and character group coding (serial). The serial attributes take effect either at the position of the attribute (Set At), or at the following location (Set After) and remain effective until either modified by a new serial attribute or until the end of the row. A serial attribute is represented as a space (the space character itself however is not used for this purpose), the attributes that are still active, e.g. overline and underline will be visible during the display of the space. The default setting at the start of a row is: • 1x size, flash and italics OFF • overline and underline OFF • Display mode = superimpose • fringing OFF • background colour duration = 0 • end of row = 0 The coding is done in 12 bit words. The codes are stored sequentially in the display memory. A maximum of 768 character positions can be defined for a single display. PARALLEL CHARACTER CODING Bits Description 0-7 8 bit character code 8-10 3 bits for 8 foreground colours 11 Mode bit: 0 = Parallel code Table 17 Parallel Character Coding |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |