Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 88 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 84Page - NXP Semiconductors TDA9554PS Datasheet HTML 85Page - NXP Semiconductors TDA9554PS Datasheet HTML 86Page - NXP Semiconductors TDA9554PS Datasheet HTML 87Page - NXP Semiconductors TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 125 page
background image
2000 Jun 22
88
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
CVBS, Y/C and RGB/YUV INPUTS
CVBS-Y/C SWITCH
S.1.1
CVBS or Y input voltage
(peak-to-peak value)
note 29
−
1.0
1.4
V
S.1.2
CVBS or Y input current
−
4
−µA
S.1.3
suppression of non-selected
CVBS input signal
notes 6 and 30
50
−−
dB
S.1.4
chrominance input voltage (burst
amplitude)
note 3 and 31
−
0.3
1.0
V
S.1.5
chrominance input impedance
−
50
−
k
Ω
EXTERNAL RGB / YUV (YPBPR) INPUT
S.2.1
RGB input signal amplitude for
an output signal of 1 V
(black-to-white) (peak-to-peak
value)
note 32
−
0.7
0.8
V
S.2.2
RGB input signal amplitude
before clipping occurs
(peak-to-peak value)
note 6
1.0
−−
V
S.2.3
Y input signal amplitude
(peak-to-peak value)
input signal amplitude for an
output signal of 2 V
(black-to-white); when
activated via the YUV1/YUV0
bits; note 33
−
1.4/1.0
2.0
V
S.2.4
U/PB input signal amplitude
(peak-to-peak value)
−−1.33/
+0.7
2.0
V
S.2.5
V/PR input signal amplitude
(peak-to-peak value)
−−1.05/
+0.7
1.5
V
S.2.6
difference between black level of
internal and external signals at
the outputs
−−
20
mV
S.2.7
input currents
no clamping; note 3
−
0.1
1
µA
S.2.8
delay difference for the three
channels
note 6
−
020
ns
FAST INSERTION
S.3.1
input voltage
no data insertion
−−
0.4
V
S.3.2
data insertion
0.9
−−
V
S.3.3
maximum input pulse
insertion
−−
3.0
V
S.3.4
delay time from RGB in to
RGB out
data insertion; note 6
−−
tbf
ns
S.3.5
delay difference between
insertion to RGB out and RGB in
to RGB out
data insertion; note 6
−−
tbf
ns
S.3.6
input current
−−
0.2
mA
S.3.7
suppression of internal RGB
signals
notes 6 and 30; insertion;
fi =0to5MHz
−
55
−
dB
S.3.8
suppression of external RGB
signals
notes 6 and 30; no insertion;
fi =0to5MHz
−
55
−
dB
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com