Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 71 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
2000 Jun 22
71
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 65
Automatic colour limiting
Table 66
Chroma bandpass centre frequency
Table 67
Bypass of chroma base-band delay line
Table 68
Forced Colour-On
Table 69 Selected video out (pin 38)
Table 70 Condition AVL/SNDIF/REFO/REFIN (pin 27)
Table 71 Source select
Table 72 Selection of audio output signal on AUDEEM
pin, note 1
Note
1. This function can be activated only when the MOD bit
is 0.
Table 73 Blanking of RGB outputs
Table 74 Synchronization of OSD/TEXT display
Table 75
Phase 1 (
ϕ1) time constant
Table 76
Synchronization mode
Table 77
Stand-by
Table 78
Video ident mode
ACL
COLOUR LIMITING
0
not active
1
active
CB
CENTRE FREQUENCY
0FSC
1
1.1
× FSC
BPS
DELAY LINE MODE
0
active
1
bypassed
FCO
CONDITION
0
off
1on
SVO
CONDITION
0
IF video available at output
1
selected CVBS available at output
CMB1 CMB0
CONDITION
0
0
AVL/SNDIF active (depends on SIF bit)
0
1
output voltage 2.3 V + subcarrier;
1
0
output voltage 0 V
1
1
output voltage 4.5V
INA
INB
INC
SELECTED SIGNALS
0
0
0
CVBS1
0
1
0
CVBS2
100
Y/C
E2D
MODE
0
deemphasis (front-end audio available)
1
selected audio signal available
RGBL
CONDITION
0
normal operation
1
RGB outputs blanked continuously
HP2
µ-CONTROLLER COUPLED TO
0
ϕ1 loop
1
ϕ2 loop
FOA
FOB
MODE
0
0
normal
0
1
slow
1
0
slow/fast
1
1
fast
POC
MODE
0
active
1
not active
STB
MODE
0
stand-by
1
normal
VIM
MODE
0
ident coupled to internal CVBS (pin 40)
1
ident coupled to selected CVBS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com