Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 95 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors TDA9554PS Datasheet HTML 95Page - NXP Semiconductors TDA9554PS Datasheet HTML 96Page - NXP Semiconductors TDA9554PS Datasheet HTML 97Page - NXP Semiconductors TDA9554PS Datasheet HTML 98Page - NXP Semiconductors TDA9554PS Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 125 page
background image
2000 Jun 22
95
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
SECAM demodulator
D.7.1
black level off-set
−−
7
kHz
D.7.2
pole frequency of deemphasis
77
85
93
kHz
D.7.3
ratio pole and zero frequency
−
3
−
D.7.4
non linearity
−−
3%
D.7.5
calibration voltage
tbf
2.3
tbf
V
Base-band delay line
D.8.1
variation of output signal for
adjacent time samples at
constant input signals
−0.1
−
0.1
dB
D.8.2
residual clock signal
(peak-to-peak value)
−−
5mV
D.8.3
delay of delayed signal
63.94
64.0
64.06
µs
D.8.4
delay of non-delayed signal
40
60
80
ns
D.8.5
difference in output amplitude
with delay on or off
−−
5%
COLOUR DIFFERENCE MATRICES (IN CONTROL CIRCUIT)
PAL/SECAM mode; (R
−Y) and (B−Y) not affected
D.9.1
ratio of demodulated signals
(G
−Y)/(R−Y)
−−0.51
±10%
−
D.9.2
ratio of demodulated signals
(G
−Y)/(B−Y)
−−0.19
±25%
−
NTSC mode; the matrix results in the following signals (nominal hue setting)
MUS-bit = 0
D.9.6
(B
−Y) signal: 2.03/0°
2.03UR
D.9.7
(R
−Y) signal: 1.59/95°−0.14UR + 1.58VR
D.9.8
(G
−Y) signal: 0.61/240°−0.31UR − 0.53VR
MUS-bit = 1
D.9.9
(B
−Y) signal: 2.20/−1°
2.20UR − 0.04VR
D.9.10
(R
−Y) signal: 1.53/99°−0.24UR + 1.51VR
D.9.11
(G
−Y) signal: 0.70/223°−0.51UR − 0.48VR
REFERENCE SIGNAL OUTPUT/SWITCH OUTPUT; NOTE 55
D.10.1
reference frequency
CMB1/CMB0 = 01
3.58/4.43
MHz
D.10.2
output signal amplitude
(peak-to-peak value)
CMB1/CMB0 = 01
0.2
0.25
0.3
V
D.10.3
output level (mid position)
CMB1/CMB0 = 01
tbf
2.3
tbf
V
D.10.4
output level LOW
CMB1/CMB0 = 10
−−
0.8
V
D.10.5
output level HIGH
CMB1/CMB0 = 11
4.5
−−
V
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com