Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 90 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 86Page - NXP Semiconductors TDA9554PS Datasheet HTML 87Page - NXP Semiconductors TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors TDA9554PS Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 125 page
background image
2000 Jun 22
90
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Picture Improvement Features
PEAKING CONTROL; NOTE 35
P.1.1
width of preshoot or overshoot
note 3
−
160
−
ns
P.1.2
peaking signal compression
threshold
−
50
−
IRE
P.1.3
overshoot at maximum peaking
positive
−
45
−
%
P.1.4
negative
−
80
−
%
P.1.5
Ratio negative/positive
overshoot; note 36
−
1.8
−
P.1.6
peaking control curve
63 steps
see Fig.31
P.1.7
peaking centre frequency
setting PF1/PF0 = 0/0
−
2.7
−
MHz
P.1.8
setting PF1/PF0 = 0/1
−
3.1
−
MHz
P.1.9
setting PF1/PF0 = 1/0
−
3.5
−
MHz
CORING STAGE; NOTE 37
P.1.10
coring range
−
10
−
IRE
BLACK LEVEL STRETCHER; NOTE 38
P.2.1
Maximum black level shift
15
21
27
IRE
P.2.2
level shift at 100% peak white
−1
0
1
IRE
P.2.3
level shift at 50% peak white
−1
−
3
IRE
P.2.4
level shift at 15% peak white
6
8
10
IRE
DYNAMIC SKIN TONE (FLESH) CONTROL; NOTE 39
P.4.1
control angle
−
123
−
deg
P.4.2
correction range (angle)
−
45
−
deg
BLUE STRETCH; NOTE 41
P.7.1
decrease of small signal gain for
the red and green channel
BLS = 1
−
14
−
%
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com