Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 15Page - NXP Semiconductors TDA9554PS Datasheet HTML 16Page - NXP Semiconductors TDA9554PS Datasheet HTML 17Page - NXP Semiconductors TDA9554PS Datasheet HTML 18Page - NXP Semiconductors TDA9554PS Datasheet HTML 19Page - NXP Semiconductors TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors TDA9554PS Datasheet HTML 22Page - NXP Semiconductors TDA9554PS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
2000 Jun 22
19
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
P1CFGB<x>/P1CFGA<x> = 00
MODE 0 Open Drain.
P1CFGB<x>/P1CFGA<x> = 01
MODE 1 Quasi Bi-Directional.
P1CFGB<x>/P1CFGA<x> = 10
MODE2 High Impedance.
P1CFGB<x>/P1CFGA<x> = 11
MODE3 Push Pull.
P2CFGA
Reserved
P2CFGA<6>
P2CFGA<5>
P2CFGA<4>
P2CFGA<3>
P2CFGA<2>
P2CFGA<1>
P2CFGA<0>
FFH
P2CFGB
Reserved
P2CFGB<6>
P2CFGB<5>
P2CFGB<4>
P2CFGB<3>
P2CFGB<2>
P2CFGB<1>
P2CFGB<0>
00H
P2CFGB<x>/P2CFGA<x> = 00
MODE 0 Open Drain.
P2CFGB<x>/P2CFGA<x> = 01
MODE 1 Quasi Bi-Directional.
P2CFGB<x>/P2CFGA<x> = 10
MODE2 High Impedance.
P2CFGB<x>/P2CFGA<x> = 11
MODE3 Push Pull.
P3CFGA
Reserved
Reserved
Reserved
Reserved
P3CFGA<3>
P3CFGA<2>
P3CFGA<1>
P3CFGA<0>
FFH
P3CFGB
Reserved
Reserved
Reserved
Reserved
P3CFGB<3>
P3CFGB<2>
P3CFGB<1>
P3CFGB<0>
00H
P3CFGB<x>/P3CFGA<x> = 00
MODE 0 Open Drain.
P3CFGB<x>/P3CFGA<x> = 01
MODE 1 Quasi Bi-directional.
P3CFGB<x>/P3CFGA<x> = 10
MODE2 High Impedance.
P3CFGB<x>/P3CFGA<x> = 11
MODE3 Push Pull.
PCON
SMOD
ARD
RFI
WLE
GF1
GF0
PD
IDL
00H
SMOD
UART Baud Rate Double Control.
ARD
Auxiliary RAM Disable, All MOVX instructions access the external data memory.
RFI
Disable ALE during internal access to reduce Radio Frequency Interference.
WLE
Watch Dog Timer enable.
GF1
General purpose flag.
GF0
General purpose flag.
PD
Power-down activation bit.
IDL
Idle mode activation bit.
PSW
C
AC
F0
RS<1>
RS<0>
OV
-
P
00H
C
Carry Bit.
AC
Auxiliary Carry bit.
F0
Flag 0, General purpose flag.
RS<1:0>
Register Bank selector bits.
RS<1:0> = 00, Bank0 (00H - 07H).
RS<1:0> = 01, Bank1 (08H - 0FH).
RS<1:0> = 10, Bank2 (10H - 17H).
RS<1:0> = 11, Bank3 (18H - 1FH).
OV
Overflow flag.
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com