Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 70 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 66Page - NXP Semiconductors TDA9554PS Datasheet HTML 67Page - NXP Semiconductors TDA9554PS Datasheet HTML 68Page - NXP Semiconductors TDA9554PS Datasheet HTML 69Page - NXP Semiconductors TDA9554PS Datasheet HTML 70Page - NXP Semiconductors TDA9554PS Datasheet HTML 71Page - NXP Semiconductors TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 125 page
background image
2000 Jun 22
70
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Table 56
Y-delay adjustment; note 1
Note
1. For an equal delay of the luminance and chrominance
signal the delay must be set at a value of 160 ns. This
is only valid for a CVBS signal without group
delay distortions.
Table 57
Brightness control
Table 58
Saturation control
Table 59
Contrast control
Table 60
AGC take-over
Table 61
Volume control
YD0 to YD3
Y-DELAY
YD3
YD3
× 160 ns +
YD2
YD2
× 80 ns +
YD1
YD1
× 80 ns +
YD0
YD0
× 40 ns
DAC SETTING
CONTROL
0
correction
−0.7V
20
no correction
3F
correction +0.7V
DAC SETTING
CONTROL
0
colour off (
−52 dB)
17
saturation nominal
3F
saturation +300%
DAC SETTING
CONTROL
0
RGB amplitude
−14 dB
20
RGB amplitude nominal
3F
RGB amplitude +6 dB
DAC SETTING
CONTROL
0
tuner take-over at IF input signal of
0.4 mV
3F
tuner take-over at IF input signal of 80
mV
DAC SETTING
CONTROL
0
attenuation 80 dB
3F
no attenuation
Table 62
Colour decoder mode, note 1
Note
1. The decoder frequencies for the various standards are
obtained from an internal clock generator which is
synchronised by a 12 MHz reference signal which is
obtained from the
µ-Controller clock generator.
These frequencies are:
a) A: 4.433619 MHz
b) B: 3.582056 MHz (PAL-N)
c) C: 3.575611 MHz (PAL-M)
d) D: 3.579545 MHz (NTSC-M)
Table 63
PAL-SECAM/NTSC matrix
Table 64
NTSC matrix
CM3 CM2 CM1 CM0
DECODER MODE
FREQ
0
0
0
0
PAL/NTSC/SECAM
A
0
0
0
1
PAL/SECAM
A
001
0
PAL
A
0
0
1
1
NTSC
A
0
1
0
0
SECAM
0
1
0
1
PAL/NTSC
B
011
0
PAL
B
0
1
1
1
NTSC
B
1
0
0
0
PAL/NTSC/SECAM
ABCD
1
0
0
1
PAL/NTSC
C
101
0
PAL
C
1
0
1
1
NTSC
C
1
1
0
0
PAL/NTSC
(Tri-Norma)
BCD
1
1
0
1
PAL/NTSC
D
111
0
PAL
D
1
1
1
1
NTSC
D
MAT
MATRIX POSITION
0
adapted to standard
1
PAL matrix
MUS
MATRIX POSITION
0
Japanese matrix
1
USA matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com