Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 89 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 85Page - NXP Semiconductors TDA9554PS Datasheet HTML 86Page - NXP Semiconductors TDA9554PS Datasheet HTML 87Page - NXP Semiconductors TDA9554PS Datasheet HTML 88Page - NXP Semiconductors TDA9554PS Datasheet HTML 89Page - NXP Semiconductors TDA9554PS Datasheet HTML 90Page - NXP Semiconductors TDA9554PS Datasheet HTML 91Page - NXP Semiconductors TDA9554PS Datasheet HTML 92Page - NXP Semiconductors TDA9554PS Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 125 page
background image
2000 Jun 22
89
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Chrominance and Luminance filters
CHROMINANCE TRAP CIRCUIT; NOTE 34
F.1.1
trap frequency
−
fosc
−
MHz
F.1.2
Bandwidth at fSC = 3.58 MHz
−3 dB
−
2.8
−
MHz
F.1.3
Bandwidth at fSC = 4.43 MHz
−3 dB
−
3.4
−
MHz
F.1.4
colour subcarrier rejection
24
26
−
dB
F.1.5
trap frequency during SECAM
reception
−
4.3
−
MHz
CHROMINANCE BANDPASS CIRCUIT
F.2.1
centre frequency (CB = 0)
−
fosc
−
MHz
F.2.2
centre frequency (CB = 1)
−
1.1
×f
osc
−
MHz
F.2.3
bandpass quality factor
−
3
−
CLOCHE FILTER
F.3.1
centre frequency
4.26
4.29
4.31
MHz
F.3.2
Bandwidth
241
268
295
kHz
Y DELAY LINE
F.4.1
delay time
note 6
−
480
−
ns
F.4.2
tuning range delay time
8 steps
−160
−
+160
ns
F.4.3
bandwidth of internal delay line
note 6
8
−−
MHz
NUMBER
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com