Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 76 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 72Page - NXP Semiconductors TDA9554PS Datasheet HTML 73Page - NXP Semiconductors TDA9554PS Datasheet HTML 74Page - NXP Semiconductors TDA9554PS Datasheet HTML 75Page - NXP Semiconductors TDA9554PS Datasheet HTML 76Page - NXP Semiconductors TDA9554PS Datasheet HTML 77Page - NXP Semiconductors TDA9554PS Datasheet HTML 78Page - NXP Semiconductors TDA9554PS Datasheet HTML 79Page - NXP Semiconductors TDA9554PS Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 125 page
background image
2000 Jun 22
76
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
Explanation output control data TV-processor
Table 127 Power-on-reset
Table 128 Output video identification
Table 129 IF-PLL lock indication
Table 130 Phase 1 (
ϕ1) lock indication
Table 131 Colour decoder mode, note 1
Note
1. The values for the various frequencies can be found in
the note of table 62.
Table 132 X-ray protection
Table 133 Output vertical guard
Table 134 Field frequency indication
Table 135 Condition vertical divider
Table 136 Indication output black level in/out window
Table 137 Indication output black level
Table 138 Condition black current loop
Table 139 Indication RGB-2 input condition
Table 140 Supply voltage indication
POR
MODE
0
normal
1
power-down
IFI
VIDEO SIGNAL
0
no video signal identified
1
video signal identified
LOCK
INDICATION
0
not locked
1
locked
SL
INDICATION
0
not locked
1
locked
CD3 CD2 CD1 CD0
STANDARD
0000
no colour standard identified
0001
NTSC with freq. A
0010
PAL with freq. A
0011
NTSC with freq. B
0100
PAL with freq. B
0101
NTSC with freq. C
0110
PAL with freq. C
0111
NTSC with freq. D
1000
PAL with freq. D
1010
SECAM
XPR
OVERVOLTAGE
0
no overvoltage detected
1
overvoltage detected
NDF
VERTICAL OUTPUT STAGE
0OK
1
failure
FSI
FREQUENCY
050 Hz
160 Hz
IVW
STANDARD VIDEO SIGNAL
0
no standard video signal
1
standard video signal (525 or 625 lines)
WBC
CONDITION
0
black current stabilisation outside window
1
black current stabilisation inside window
HBC
CONDITION
0
black current stabilisation below window
1
black current stabilisation above window
BCF
CONDITION
0
black current loop is stabilised
1
black current loop is not stabilised
IN2
RGB INSERTION
0no
1yes
SUP
CONDITION
0
supply voltage (8 Volt) not present
1
supply voltage (8 Volt) present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com