Electronic Components Datasheet Search
  English  ▼

X  

TDA9554PS Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA9554PS
Description  TV signal processor-Teletext decoder with embedded m-Controller
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9554PS Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA9554PS Datasheet HTML 20Page - NXP Semiconductors TDA9554PS Datasheet HTML 21Page - NXP Semiconductors TDA9554PS Datasheet HTML 22Page - NXP Semiconductors TDA9554PS Datasheet HTML 23Page - NXP Semiconductors TDA9554PS Datasheet HTML 24Page - NXP Semiconductors TDA9554PS Datasheet HTML 25Page - NXP Semiconductors TDA9554PS Datasheet HTML 26Page - NXP Semiconductors TDA9554PS Datasheet HTML 27Page - NXP Semiconductors TDA9554PS Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
2000 Jun 22
24
Philips Semiconductors
Tentative Device Specification
TV signal processor-Teletext decoder with
embedded
µ-Controller
TDA955X/6X/8X PS/N1 series
DISLAY X24
0 - Display row 24 from basic page memory
1 - Display row 24 from appropriate location in extension memory
AUTO FRAME
0 - Normal Frame output
1 - Frame output is switched off automatically if any video displayed
DISABLE
HEADER ROLL
0 - Write rolling headers and time to current display page
1 - Disable writing of rolling headers and time to into memory
DISPLAY
STATUS ROW
ONLY
0 - Display normal page rows 0 to 24
1- Display only row 24
DISABLE
FRAME
0 - Normal Frame output
1 - Force Frame output to be low (0)
VPS ON
0 - VPS acquisition off
1 - VPS acquisition on
INV ON
0 - Inventory page off
1 - Inventory page on
TXT1
EXT PKT
OFF
8 BIT
ACQ OFF
ACQ OFF
FULL
FIELD
FIELD
POLARITY
H
POLARITY
V
POLARITY
00H
EXT PKT OFF
0 - Acquire extension packets X/24,X/27,8/30/X
1 - Disable acquisition of extension packets
8 BIT
0 - Error check and/or correct packets 0 to 24
1 - Disable checking of packets 0 to 24 written into memory
ACQ OFF
0 - Write requested data into display memory
1 - Disable writing of data into Display memory
X26 OFF
0 - Enable automatic processing of X/26 data
1 - Disable automatic processing of X/26 data
FULL FIELD
0 - Acquire CC data only on selected line.
1 - Acquire CC data on any TV line (for test purposes).
FIELD POLARIY
0 - Vsync pulse in first half of line during even field.
1 - Vsync pulse in second half of line during even field.
H POLARITY
0 - Hsync reference edge is positive going
1 - Hsync reference edge is negative going
V POLARITY
0 - Vsync reference edge is positive going
1 - Vsync reference edge is negative going
TXT2
ACQ
BANK
REQ<3>
REQ<2>
REQ<1>
REQ<0>
SC<2>
SC<1>
SC<0>
00H
ACQ_BANK
0 - Select Acquisition bank 0
1 - Select Acquisition bank 1
REQ<3:0>
Page request
SC<2:0>
Start column of page request
TXT3
PRD<4>
PRD<3>
PRD<2>
PRD<1>
PRD<0>
00H
PRD<4:0>
Page Request data
Names
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
RESET
Table 3
SFR Bit description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com